Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG2021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Arbitrary/Function Generator
AFG2021 Datasheet
Features & Benefits
20 MHz sine, 10 MHz square and pulse waveforms provide coverage
for your most common applications
250 MS/s sampling rate and 14-bit vertical resolution enable the creation
of high-fidelity signals
The innovative UI reduces setup and evaluation time with direct access
to frequently used functions and parameters
The internal 4 × 128 kS memory and the USB memory expansion
capability provide substantial capacity for defining complex waveforms
USB remote control port and USB flash drive port are included. GPIB
and LAN interfaces are available as an option
Built-in Modulation, Noise Generator, Burst, and Sweep modes for
greater versatility
Built-in waveforms provide quick access to commonly used signals
Large 3.5 inch color screen displays both graphical and numeric
waveform information simultaneously
Menu and online help in 8 languages
2U height and half-rack width fits both benchtop and rack-mounted
applications
Free ArbExpress software makes waveform editing and downloading
extremely easy
Free SignalExpress software combines Tektronix bench instruments into
a low-cost solution for automatic testing
Applications
Electronic test and design
Sensor simulation
Education and training
Functional test
System integration


Similar Part No. - AFG2021

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
More results

Similar Description - AFG2021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
81150A HP-81150A Datasheet
627Kb / 28P
Pulse Function Arbitrary Noise Generator
33220A HP-33220A Datasheet
216Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-125 GWINSTEK-AFG-125 Datasheet
1Mb / 2P
USB MODULAR ARBITRARY FUNCTION GENERATOR
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
Function/Arbitrary Waveform Generator
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com