Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG2021 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Arbitrary/Function Generator — AFG2021
Modulation
AM, FM, PM
Characteristic
Description
Carrier Waveforms
All, including ARB, except Pulse, Noise, and DC
Source
Internal/External
Internal Modulating
Waveform
Sine, Square, Ramp, Noise, ARB (AM: Maximum waveform
length 4,096; FM/PM: Maximum waveform length 2,048)
Internal Modulating
Frequency
2mHz to 50.00kHz
AM Modulation
Depth
0.0% to +120.0%
Min FM Peak
Deviation
DC
Max FM Peak
Deviation
10 MHz
Frequency Shift Keying
Characteristic
Description
Carrier Waveforms
All, including ARB, except Pulse, Noise, and DC
Source
Internal/External
Internal Modulating
Frequency
2 mHz to 1.000 MHz
Number of Keys
2
Pulse Width Modulation
Characteristic
Description
Carrier Waveform
Pulse
Source
Internal/External
Internal Modulating
Waveform
Sine, Square, Ramp, Noise, ARB (Maximum waveform
length 2,048)
Internal Modulating
Frequency
2mHz to 50.00 kHz
Deviation
0% to 50.0% of pulse period
Sweep
Characteristic
Description
Waveforms
All, including ARB, except Pulse, Noise, and DC
Type
Linear, Logarithmic
Sweep Time
1 ms to 300 s
Hold/Return Time
0 ms to 300 s
Max Total Sweep
Time (Sweep + Hold
+ Return)
300 s
Resolution
1 ms or 4 digits
Total Sweep Time
Accuracy, Typical
0.4%
Min Start/Stop
Frequency
All except ARB: 1 μHz
ARB: 1 mHz
Max Start/Stop
Frequency
Sine: 20 MHz
Square: 10 MHz
ARB: 10 MHz
Others: 200 kHz
Burst
Characteristic
Description
Waveforms
All, including ARB, except Noise and DC
Type
Triggered, Gated (1 to 1,000,000 cycles or Infinite)
Internal Trigger Rate 1 μsto500.0 s
Gate and Trigger
Sources
Internal, External, Manual Trigger, and Remote Interface
Auxiliary Input
Modulation Input
Characteristic
Description
Input Range
All except FSK: ±1 V full scale
FSK: 3.3 V logic level
Impedance
10 kΩ
Frequency Range
DC to 25 kHz (122 kS/s sample rate)
External Triggered/Gated Burst Input
Characteristic
Description
Level
TTL compatible
Pulse Width
100 ns minimum
Slope
Positive/Negative selectable
Trigger Delay
0.0 ns to 85.000 s
Resolution
100 ps or 5 digits
Jitter (RMS), Typical Burst: <500 ps (Trigger input to signal output)
10 MHz Reference Input
Characteristic
Description
Impedance
1kΩ, AC coupled
Required Input
Voltage Swing
100 mVp-p to 5 Vp-p
Lock Range
10 MHz ±35 kHz
Auxiliary Output
Trigger Output
Characteristic
Description
Level
Positive TTL level pulse into 1 kΩ
Impedance
50 Ω
Jitter (RMS), Typical 500 ps
Max Frequency
4.9MHz (4.9 MHzto20MHz: A fraction of thefrequencyis
output)
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com