Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG2021 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Arbitrary/Function Generator — AFG2021
Power Plug Options
Option
Description
Opt. A0
North America power
Opt. A1
Universal Euro power
Opt. A2
United Kingdom power
Opt. A3
Australia power
Opt. A5
Switzerland power
Opt. A6
Japan power
Opt. A10
China power
Opt. A11
India power
Opt. A12
Brazil power
Opt. A99
No power cord or AC adapter
Service Options
Option
Description
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R5
Repair Service 5 Years
Opt. R5DW
Repair Service Coverage 5 Years (starts at time of customer
instrument purchase)
Recommended Accessories
Accessory
Description
RMU2U
Rackmount kit
013-0345-00
Fuse adapter, BNC-P to BNC-R
159-0454-00
Fuse set, 3 pcs, 0.125 A
012-0482-00
BNC cable shielded, 3 ft.
012-1256-00
BNC cable shielded, 9 ft.
012-0991-00
GPIB cable, double shielded
011-0049-02
50 Ω BNC terminator
Warranty
Three-year warranty on parts and labor.
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com