Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG2021 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Datasheet
Common Characteristics
Remote Programming (GPIB, LAN 10BASE-T/100BASE-TX,
USB 1.1, compatible with SCPI-1999.0 and IEEE 488-2
standards)
Characteristic
USB
LAN*1
GPIB*1
Function Change
95 ms
103 ms
84 ms
Frequency Change
2 ms19 ms2 ms
Amplitude Change
60 ms
67 ms
52 ms
Select User ARB
88 ms
120 ms
100 ms
Data Download
Time for 4k Point
ARB Waveform
Data (8 KB),
Typical
20 ms
84 ms
42 ms
*1 GPIB and LAN interfaces are only available on the instrument with Option GL.
General
Characteristic
Description
Frequency Setting
Resolution
1 μHz or 12 digits
Phase (except DC, Noise, Pulse)
Range
–360° to +360°
Resolution
Sine: 0.01°
Other Waveforms: 0.1°
Internal Noise Add
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (Vp-p) setting
Resolution
1%
Main Output
50 Ω
Effective Frequency
Switching Speed
2 ms through remote control
Internal Frequency Reference
Stability
All except ARB: ±1 ppm, 0 °C to 50 °C
ARB: ±1 ppm, ±1 μHz, 0 °C to 50 °C
Aging
±1 ppm per year
Power Source
100 V to 240 V, 50 Hz to 60 Hz or 115 V, 400 Hz
Power Consumption 60 W
Warm-up Time,
Typical
20 minutes
Power On Self
Diagnostics, Typical
<10 s
Acoustic Noise,
Typical
<50 dBA
Display
3.5 in. Color TFT LCD
User Interface and
Help Language
English, French, German, Japanese, Korean, Simplified and
Traditional Chinese, Russian (User selectable)
Physical Characteristics
Benchtop Configuration
Dimension
mm
in.
Height
104.2
4.10
Weight
241.8
9.52
Depth
419.1
16.50
Weight
kg
lb.
Net
2.87
6.3
Shipping
4.72
10.4
Environmental and Safety Characteristics
Characteristic
Description
Temperature
Operating
0 °C to +50 °C
Nonoperating
–30 °C to +70 °C
Humidity
Operating
≤80%, +0 °C to +40 °C, noncondensing
≤60%, +40 °C to +50 °C, noncondensing
Nonoperating
5% to 90%, <+40 °C, noncondensing
5% to 80%, ≥+40 °C to ≤+60 °C, noncondensing
5% to 40%, >+60 °C to ≤+70 °C, noncondensing
Altitude
Operating
Up to 3,000 m (9,842 ft.)
Nonoperating
Up to 12,000 m (39,370 ft.)
EMC Compliance
EU Council Directive 2004/108/EC
Safety
UL61010-1; 2004
CAN/CSA C22.2 No. 61010-1; 2004
EN61010-1; 2001
IEC61010-1; 2001
Ordering Information
AFG2021
Arbitrary/Function Generator.
Includes: User Manual, Power Cord, USB Cable, CD-ROM with Programmer
Manual, Service Manual, Labview and IVI Drivers, CD-ROM with ArbExpress®
Software, NIST-traceable Calibration Certificate.
Please specify power cord and local language for user manual when ordering.
Configuration Options
Option
Description
Opt. GL
GPIB and LAN interfaces
Language Options
Option
Description
Opt. L0
English manual
Opt. L1
French manual
Opt. L2
Italian manual
Opt. L3
German manual
Opt. L4
Spanish manual
Opt. L5
Japanese manual
Opt. L6
Portuguese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com