Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90PC Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 16Page - Advanced Micro Devices AM79C90PC Datasheet HTML 17Page - Advanced Micro Devices AM79C90PC Datasheet HTML 18Page - Advanced Micro Devices AM79C90PC Datasheet HTML 19Page - Advanced Micro Devices AM79C90PC Datasheet HTML 20Page - Advanced Micro Devices AM79C90PC Datasheet HTML 21Page - Advanced Micro Devices AM79C90PC Datasheet HTML 22Page - Advanced Micro Devices AM79C90PC Datasheet HTML 23Page - Advanced Micro Devices AM79C90PC Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
AMD
P R E L I M I N A R Y
20
Am79C90
Register Address Port (RAP)
RES
CSR 1:0
17881B-14
Bit
Name
Description
15:02
RES
Reserved. Read as zeroes. Write as
zeroes.
01:00
CSR(1:0)
CSR address select. READ/WRITE.
Selects the CSR to be accessed
through the RDP. RAP is cleared by
Bus
RESET.
CSR(1 :0)
CSR
00
CSR
0
01
CSR
1
10
CSR
2
11
CSR
3
Control and Status Register Definition
Control and Status Register 0 (CSR0)
ERR
BABL
CERR
MISS
MERR
RINT
TINT
IDON
INIT
STRT
STOP
TDMD
TXON
RXON
INEA
INTR
The C-LANCE updates CSR0 by logical “ORing” the pre-
vious and present value of CSR0.
17881B-15
15
0
Bit
Name
Description
15
ERR
ERROR summary is set by the
“ORing” of BABL, CERR, MISS and
MERR. ERR remains set as long as
any of the error flags are true.
ERR is read only; writing it has no ef-
fect. It is cleared by Bus
RESET, set-
ting the STOP bit, or clearing the
individual error flags.
Bit
Name
Description
14
BABL
BABBLE is a transmitter timeout er-
ror. It indicates that the transmitter
has been on the channel longer than
the time required to send the maxi-
mum length packet.
BABL is a flag which indicates ex-
cessive length in the transmit buffer.
It will be set after 1519 bytes have
been transmitted, excluding pream-
ble and start frame delimiter; the
C-LANCE will continue to transmit
until the whole packet is transmitted
or until there is a failure before the
whole packet is transmitted. When
BABL error occurs, an interrupt will
be generated if INEA = 1.
BABL is READ/CLEAR ONLY and is
set by the C-LANCE, and cleared by
writing a “1” into the bit. Writing a ”0”
has no effect. It is cleared by
RESET
or by setting the STOP bit.
13
CERR
COLLISION ERROR indicates that
the collision input to the C-LANCE
was not asserted during the trans-
mission, nor within 4.0
µs after the
transmit completed. The collision af-
ter transmission is a transceiver test
feature. This function is also known
as heartbeat or SQE (Signal Quality
Error) test.
CERR is READ/CLEAR ONLY and
is set by the C-LANCE and cleared
by writing a “1” into the bit. Writing a
“0” has no effect. It is cleared by
RE-
SET or by setting the STOP bit.
CERR error will not cause an inter-
rupt to occur (INTR = 0).
12
MISS
MISSED PACKET is set when the
receiver loses a packet because it
does not own any receive buffer, in-
dicating loss of data.
FIFO overflow is not reported be-
cause there is no receive ring entry
in which to write status.
When MISS is set, an interrupt will
be generated if INEA = 1.
MISS is READ/CLEAR ONLY, and is
set by the C-LANCE and cleared by
writing a “1” into the bit. Writing a “0”
has no effect. It is cleared by
RESET
or by setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com