Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90PC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 5Page - Advanced Micro Devices AM79C90PC Datasheet HTML 6Page - Advanced Micro Devices AM79C90PC Datasheet HTML 7Page - Advanced Micro Devices AM79C90PC Datasheet HTML 8Page - Advanced Micro Devices AM79C90PC Datasheet HTML 9Page - Advanced Micro Devices AM79C90PC Datasheet HTML 10Page - Advanced Micro Devices AM79C90PC Datasheet HTML 11Page - Advanced Micro Devices AM79C90PC Datasheet HTML 12Page - Advanced Micro Devices AM79C90PC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
P R E L I M I N A R Y
AMD
9
Am79C90
Latch
Buffer
Decode
Data/Address
Bits 0-15
ALE
Address
Bits 16-23
C-LANCE
CS
A0–A23
A0–A15
A16–A23
17881B-6
Data Bus
Address
Bus
Figure 2. C-LANCE/CPU Interfacing Demultiplexed Bus
During initialization, the CPU loads the starting address
of the initialization block into two internal control regis-
ters. The C-LANCE has four internal control and status
registers (CSR0, 1, 2, 3) which are used for various
functions, such as the loading of the initialization block
address, and programming different modes and status
conditions. The host processor communicates with the
C-LANCE during the initialization phase, for demand
transmission, and periodically to read the status bits fol-
lowing interrupts. All other transfers to and from the
memory are automatically handled as DMA.
Interrupts to the microprocessor are generated by the
C-LANCE upon:
completion of its initialization routine
the reception of a packet
the transmission of a packet
transmitter timeout error
a missed packet
memory error
The cause of the interrupt is ascertained by reading
CSR0. Bit (06) of CSR0, (INEA), enables or disables
interrupts to the microprocessor. In systems where poll-
ing is used in place of interrupts, bit (07) of CSR0,
(INTR), indicates an interrupt condition.
The basic operation of the C-LANCE consists of two dis-
tinct modes: transmit and receive. In the transmit mode,
the C-LANCE chip directly accesses data (in a transmit
buffer) in memory. It prefaces the data with a preamble,
start frame delimiter (SFD), and calculates and appends
a 32-bit CRC. On transmission, the first byte of data
loads into the 48-byte Transmit FIFO; the C-LANCE
then begins to transmit preamble while simultaneously
loading the rest of the packet into Transmit FIFO for
transmission.
In the receive mode, packets are sent via the Am7992B
SlA to the C-LANCE. The packets are loaded into the
64-byte Receive FIFO for preparation of automatic
downloading into buffer memory. A CRC is calculated
and compared with the CRC appended to the data pack-
et. If the calculated CRC does not agree with the packet
CRC, an error bit is set.
Addressing
Packets can be received using three different destina-
tion
addressing
schemes:
physical,
logical
and
promiscuous.
The first type is a full comparison of the 48-bit destina-
tion address in the packet with the node address that
was programmed into the C-LANCE during an initializa-
tion cycle. There are two types of logical addresses.
One is group type mask where the 48-bit address in the
packet is put through a hash filter to map the 48-bit
physical addresses into 1 of 64 logical groups. If any of
these 64 groups have been preselected as the logical
address, then the 48-bit address is stored in main mem-
ory. At this time, a look up is performed by the host com-
puter comparing the 48-bit incoming address with the
pre-stored 48-bit logical address. This mode can be
useful if sending packets to all of a particular type of de-
vice simultaneously (i.e., send a packet to all file servers
or all printer servers). Additional details on logical ad-
dressing can be found in the INITIALIZATION section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com