Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90PC Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 33Page - Advanced Micro Devices AM79C90PC Datasheet HTML 34Page - Advanced Micro Devices AM79C90PC Datasheet HTML 35Page - Advanced Micro Devices AM79C90PC Datasheet HTML 36Page - Advanced Micro Devices AM79C90PC Datasheet HTML 37Page - Advanced Micro Devices AM79C90PC Datasheet HTML 38Page - Advanced Micro Devices AM79C90PC Datasheet HTML 39Page - Advanced Micro Devices AM79C90PC Datasheet HTML 40Page - Advanced Micro Devices AM79C90PC Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
P R E L I M I N A R Y
AMD
37
Am79C90
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature with
Power Applied
–25
°C to +125°C
. . . . . . . . . . . . . . . . .
Supply Voltages to Ground Potential
Continuous
–0.3 V to +6 V
. . . . . . . . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Maxi-
mum Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)
0
°C to +70°C
. . . . . . . . . . . . . . . . .
Supply Voltage (VDD)
+4.75 V to +5.25 V
. . . . . . . . . .
VSS
0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2
V
VOL
Output LOW Voltage
IOL = 3.2 mA
0.5
V
VOH
Output HIGH Voltage
IOH = –0.4 mA
2.4
V
IIL
Input Leakage
VIN = 0.4 V to VCC
±10
µA
IDD*
Power Supply Current
50
mA
Commercial
*IDD is measured while running a functional pattern with spec. value IOH and IOL load applied.
CAPACITANCE** (TA = 25
°C; VDD = 0)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
CIN
Input Pin Capacitance
f = 1 MHz
10
pF
COUT
Output Pin Capacitance
f = 1 MHz
15
pF
CIO
I/O Pin Capacitance
f = 1 MHz
20
pF
**Parameters are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com