Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90PC Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 46Page - Advanced Micro Devices AM79C90PC Datasheet HTML 47Page - Advanced Micro Devices AM79C90PC Datasheet HTML 48Page - Advanced Micro Devices AM79C90PC Datasheet HTML 49Page - Advanced Micro Devices AM79C90PC Datasheet HTML 50Page - Advanced Micro Devices AM79C90PC Datasheet HTML 51Page - Advanced Micro Devices AM79C90PC Datasheet HTML 52Page - Advanced Micro Devices AM79C90PC Datasheet HTML 53Page - Advanced Micro Devices AM79C90PC Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
AMD
50
Am79C90
170
PRINT “ENTER ETHERNET ADDRESS AS 6 HEXADECIMAL NUMBERS SEPARATED ”
180
PRINT “BY BLANKS. EACH NUMBER REPRESENTS ONE BYTE. THE LEAST ”
190
PRINT “SIGNIFICANT BIT OF THE FIRST BYTE IS THE FIRST BIT TRANSMITTED.”
200
PRINT “”
210
PRINT “ENTER ETHERNET ADDRESS”;
220
INPUT A$(0), A$(1), A$(2), A$(3), A$(4), A$(5)
240
REM
250
REM UNPACK ETHERNET ADDRESS INTO ADDRESS ARRAY
260
REM
270
M=0
280
FOR I = 0 TO 47: A(I) = 0: NEXT I
290
FOR I = 0 TO 5
300
IF LEN(A$(I)) = 1 THEN A$(I) = “0” + A$(I)
310
A$(I) = UCASE$(A$(I))
320
FOR N = 2 TO 1 STEP –1
330
Y$ = MID$(A$(I), N, 1)
340
IF Y$ = “0” THEN 510
350
IF Y$ = “1” THEN A(M) = 1: GOTO 510
360
IF Y$ = “2” THEN A(M + 1) = 1: GOTO 510
370
IF Y$ = “3” THEN A(M + 1) = 1: A(M) = 1: GOTO 510
380
IF Y$ = “4” THEN A(M + 2) = 1: GOTO 510
390
IF Y$ = “5” THEN A(M + 2) = 1: A(M) = 1: GOTO 510
400
IF Y$ = “6” THEN A(M + 2) = 1: A(M + 1) = 1: GOTO 510
410
IF Y$ = “7” THEN A(M + 2) = 1: A(M + 1) = 1: A(M) = 1: GOTO 510
420
A(M + 3) = 1
430
IF Y$ = “8” THEN 510
440
IF Y$ = “9” THEN A(M) = 1: GOTO 510
450
IF Y$ = “A” THEN A(M + 1) = 1: GOTO 510
460
IF Y$ = “B” THEN A(M + 1) = 1: A(M) = 1: GOTO 510
470
IF Y$ = “C” THEN A(M + 2) = 1: GOTO 510
480
IF Y$ = “D” THEN A(M + 2) = 1: A(M) = 1: GOTO 510
490
IF Y$ = “E” THEN A(M + 2) = 1: A(M + 1) = 1: GOTO 510
500
IF Y$ = “F” THEN A(M + 2) = 1: A(M + 1) = 1: A(M) = 1
510
M=M+4
520
NEXT N
530
NEXT I
540
REM
550
REM PERFORM CRC ALGORITHM ON ARRAY A(0–47)
560
REM
570
FOR I = 0 TO 31: C(I) = 1: NEXT I
580
FOR N = 0 TO 47
590
REM SHIFT CRC REGISTER BY 1
600
FOR I = 32 TO 1 STEP –1: C(l) = C(I–1): NEXT I
610
C(0) = 0
620
T = C(32) XOR A(N): REM T = CONTROL BIT
630
IF T = 0 THEN 700: REM JUMP IF CONTROL BIT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com