Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90PC Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 53Page - Advanced Micro Devices AM79C90PC Datasheet HTML 54Page - Advanced Micro Devices AM79C90PC Datasheet HTML 55Page - Advanced Micro Devices AM79C90PC Datasheet HTML 56Page - Advanced Micro Devices AM79C90PC Datasheet HTML 57Page - Advanced Micro Devices AM79C90PC Datasheet HTML 58Page - Advanced Micro Devices AM79C90PC Datasheet HTML 59Page - Advanced Micro Devices AM79C90PC Datasheet HTML 60Page - Advanced Micro Devices AM79C90PC Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Am79C90
57
Detailed Description of Enhancements
1.
Process/Power Consumption
By using an advanced 0.8-micron CMOS process, the
I
CC specification for the C-LANCE device is reduced to
50 mA maximum, compared to the 270 mA maximum
I
CC specification for the LANCE device.
2.
FIFOs
The C-LANCE device incorporates a dual FIFO (48
bytes Transmit, 64 bytes Receive) architecture to help
it compete for bandwidth on busy networks. The
LANCE device’s single 48-byte FIFO architecture and
its associated microcode has problems transmitting
packets out on busy networks. This problem is known
as the “Transmit Lockout Due to Receive” problem. It
occurs when minimum or near-minimum IFS traffic is
continually received by the LANCE device and bus la-
tency is not “good” (“good” = latency < approximately
3
µs). In this situation, the LANCE device’s microcode
and bus interface is locked servicing receive packets,
and is not able to poll the pending transmit descriptor
(until the receive traffic stops or does not pass address
match).
The C-LANCE device addresses this problem by in-
cluding dual FIFOs and microcode that is modified to
take advantage of the dual FIFOs. The microcode is
changed so that a transmit descriptor poll operation oc-
curs sometime early (exact time depends on bus laten-
cies and whether the receive buffer was owned before
the receive packet arrived) in the receive DMA opera-
tions for each packet. If the OWN bit in the TX descrip-
tor is found set, transmit FIFO loading DMA is
interleaved with the receive FIFO emptying DMA for the
packet being received. The transmit packet is then
ready to be transmitted immediately following the end
of the receive packet on the wire. The dual FIFOs and
microcode changes eliminate the possibility of transmit
activity being locked out due to high receive activity.
Interleaving the transmit DMA activity with receive
DMA activity at the beginning of a reception has the ef-
fect of increasing the bus latency for receive DMA op-
erations. To ensure that the C-LANCE device can
tolerate the same bus latency as the LANCE device,
the receive FIFO in the C-LANCE device is increased
to 64 bytes. The transmit FIFO in the C-LANCE device
holds 48 bytes.
3.
Transmit Lockout Due to Receive
As discussed in item 2, the dual FIFO architecture and
modified microcode implemented in the C-LANCE de-
vice eliminates the possibility of Transmit Lockout Due
to Receive occurring.
4.
Per-Packet FCS
In the LANCE device, addition of the Frame Check
Sequence (FCS or CRC) to each transmit packet is
controlled on a per-initialization basis. In other words,
when the DTCR (Disable Transmit CRC) bit is set in the
mode register at initialization, the only way that packets
can subsequently be transmitted with an FCS attached
is by re-initializing the device with the DTCR bit
cleared.
The C-LANCE device provides the capability to over-
ride the DTCR setting on a per-packet basis. If DTCR
was set in the mode register at initialization, the
ADD_FCS bit in the transmit descriptor can be used to
append FCS to transmitted packets on a per-packet
basis, overriding the DTCR setting. If DTCR is cleared
in the mode register, the ADD_FCS bit is a “don’t care.”
The ADD_FCS bit is located in bit 13 of TMD1 in the
C-LANCE device. This bit is RESERVED in the LANCE
device. Table B-2 below summarizes the operation of
the ADD_FCS bit. Note that the ADD_FCS bit is only
meaningful in the first descriptor of a transmit buffer
chain (STP = 1).
Table B-2.
ADD_FCS Bit Operation
This feature should be compatible with existing imple-
mentations. Non-bridge nodes normally run with FCS
enabled (DTCR cleared). Bridges run with FCS dis-
abled. It is assumed that existing software in these
applications do not set bit 13 of TMD1, which was
previously RESERVED.
The ADD_FCS bit is also implemented as bit 13 of
TMD1 in the PCnet™-ISA (Am79C960) and operates
identically to the way in which it operates in the
C-LANCE device.
As a side note, this feature can be used by software to
distinguish the C-LANCE device from the LANCE
device. The LANCE device writes bit 13 of TMD1 to
zero when updating transmit status in the transmit
descriptor. The C-LANCE device will write this bit with
the value read, so if it is set to one it will be returned as
a one.
DTCR in
Mode Reg.
STP
ADD_FCS
FCS Added?
0
X
X
Yes
1
0
X
N/A
1
1
0
No
1
1
1
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com