Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 189 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 189 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 304 page
background image
Am79C973/Am79C975
189
P R E L I M INARY
Read
accessible
always.
D1_SCALE is read only. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
7-0
DATA1
These bits correspond to the PCI
DATA register (offset Register 47
of the PCI configuration space,
bits 7-0). Refer to the description
of DATA register for the meaning
of this field.
Read accessible always. DATA1
is
read
only.
Cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
BCR39: PCI DATA Register Two (DATA2) Alias
Register
Note: This register is an alias of the DATA register and
also of the DATA_SCALE field of the PMCSR register.
Since these two are read only, BCR39 provides a
means of programming them through the EEPROM.
The contents of this register are copied into the corre-
sponding fields pointed with the DATA_SEL field set to
two. Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
15-10 RES
Reserved locations. Written as
zeros and read as undefined.
9-8
D2_SCALE
These bits correspond to the
DATA_SCALE
field
of
the
PMCSR (offset Register 44 of the
PCI configuration space, bits 14-
13). Refer to the description of
DATA_SCALE for the meaning of
this field.
Read
accessible
always.
D2_SCALE is read only. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
7-0
DATA2
These bits correspond to the PCI
DATA register (offset Register 47
of the PCI configuration space,
bits 7-0). Refer to the description
of DATA register for the meaning
of this field.
Read accessible always. DATA2
is
read
only.
Cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP bit
BCR40: PCI DATA Register Three (DATA3) Alias
Register
Note: This register is an alias of the DATA register and
also of the DATA_SCALE field of the PCMCR register.
Since these two are read only, BCR40 provides a
means of programming them through the EEPROM.
The contents of this register are copied into the corre-
sponding fields pointed with the DATA_SEL field set to
three. Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
15-10 RES
Reserved locations. Written as
zeros and read as undefined.
9-8
D3_SCALE
These bits correspond to the
DATA_SCALE field of the PMC-
SR (offset Register 44 of the PCI
configuration space, bits 14-13).
Refer
to
the
description
of
DATA_SCALE for the meaning of
this field.
Read
accessible
always.
D3_SCALE is read only. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
7-0
DATA3
These bits correspond to the PCI
DATA register (offset Register 47
of the PCI configuration space,
bits 7-0). Refer to the description
of DATA register for the meaning
of this field.
Read accessible always. DATA3
is
read
only.
Cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
BCR41: PCI DATA Register Four (DATA4) Alias
Register
Note: This register is an alias of the DATA register and
also of the DATA_SCALE field of the PCMCR register.
Since these two are read only, BCR41 provides a
means of programming them through the EEPROM.
The contents of this register are copied into the corre-
sponding fields pointed with the DATA_SEL field set to
four. Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com