Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 82Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 84Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 85Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 86Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 87Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 88Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 89Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 304 page
background image
86
Am79C973/Am79C975
P R E L I M INARY
Figure 37. TX± and RX± Termination
10BASE-T Block
The 10BASE-T block consists of the following sub-
blocks:
— Transmit Process
— Receive Process
— Interface Status
— Collision Detect Function
— Jabber Function
— Reverse Polarity Detect
Refer to Figure 38 for the 10BASE-T block diagram.
Twisted Pair Transmit Function
Data transmission over the 10BASE-T medium re-
quires use of the integrated 10BASE-T MAU and uses
the differential driver circuitry on the TX± pins.
TX± is a differential twisted-pair driver. When properly
terminated, TX± will meet the transmitter electrical re-
quirements for 10BASE-T transmitters as specified in
IEEE 802.3, Section 14.3.1.2. The load is a twisted pair
cable that meets IEEE 802.3, Section 14.4.
The TX± signal is filtered on the chip to reduce har-
monic content per Section 14.3.2.1 (10BASE-T). Since
filtering is performed in silicon, TX± can be connected
directly to a standard transformer. External filtering
modules are not needed.
Twisted Pair Receive Function
The RX+ port is a differential twisted-pair receiver.
When properly terminated, the RX+ port will meet the
electrical requirements for 10BASE-T receivers as
specified in IEEE 802.3, Section 14.3.1.3. The receiver
has internal filtering and does not require external filter
modules or common mode chokes.
Signals appearing at the RX± differential input pair are
routed to the internal decoder. The receiver function
meets the propagation delays and jitter requirements
specified by the 10BASE-T Standard. The receiver
squelch level drops to half its threshold value after un-
squelch to allow reception of minimum amplitude sig-
RX+
RX–
SDI+
SDI–
TX+
TX–
3.3 V
RX+ (3)
TX+ (1)
RX– (6)
TX– (2)
RJ45
Connector
Isolation
Transformer with
common-mode
chokes
50
Ω
50
Ω
50
Ω
2 K
Ω
1 K
Ω
.01 µF
.01 µF
.01 µF
0.001 µF
2KV
75
Ω
75
Ω
75
Ω
75
Ω
*
1:1.414
*
*
1:1 *
(8)
(7)
(5)
(4)
(chassis ground)
21510D-42
Notes:
1. The isolation transformers include common-mode chokes.
2. Consult magnetics vendors for appropriate termination schemes.
49.9
Ω, 1%
49.9
Ω, 1%
0.1
µF
.
49.9
Ω, 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com