Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 45Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 47Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 51Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 304 page
background image
Am79C973/Am79C975
49
P R E L I M INARY
Basic Non-Burst Write Transfer
By default, the Am79C973/Am79C975 controller uses
non-burst cycles in all bus master write operations. All
Am79C973/Am79C975 controller non-burst write ac-
cesses are of the PCI command type Memory Write
(type 7). The byte enable signals indicate the byte
lanes that have valid data. The Am79C973/Am79C975
controller typically performs more than one non-burst
write transaction within a single bus mastership period.
FRAME is dropped between consecutive non-burst
write cycles. REQ, however, stays asserted until
FRAME is asser ted for the last transaction. The
Am79C973/Am79C975 supports zero wait state write
cycles except with descriptor write transfers. (See the
section Descriptor DMA Transfers for the only excep-
tion.) It asserts IRDY immediately after the address
phase.
Figure 14 shows two non-burst write transactions. The
first transaction has two wait states. The target inserts
one wait state by asserting DEVSEL one clock late and
another wait state by also asserting TRDY one clock
late. The second transaction shows a zero wait state
write cycle. The target asserts DEVSEL and TRDY in
the same cycle as the Am79C973/Am79C975 control-
ler asserts IRDY.
Basic Burst Write Transfer
The Am79C973/Am79C975 controller supports burst
mode for all bus master write operations. The burst
mode must be enabled by setting BWRITE (BCR18, bit
5). To allow burst transfers in descriptor write opera-
tions, the Am79C973/Am79C975 controller must also
be programmed to use SWSTYLE 3 (BCR20, bits 7-0).
All Am79C973/Am79C975 controller burst write trans-
fers are of the PCI command type Memory Write (type
7). AD[1:0] will both be 0 during the address phase in-
dicating a linear burst order. The byte enable signals in-
dicate the byte lanes that have valid data.
The Am79C973/Am79C975 controller will always per-
form a single burst write transaction per bus mastership
period, where transaction is defined as one address
ph as e an d o n e or mul t i p l e da ta p h a s es. T h e
Am79C973/Am79C975 controller supports zero wait
state write cycles except with the case of descriptor
write transfers. (See the section Descriptor DMA Trans-
fers for the only exception.) The device asserts IRDY
immediately after the address phase and at the same
time starts sampling DEVSEL. FRAME is deasserted
when the next to last data phase is completed.
Figure 14. Non-Burst Write Transfer
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL
is sampled
ADDR
0111
PAR
1
2345678
10
9
DATA
ADDR
DATA
PAR
PAR
PAR
BE
0111
BE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com