Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 77Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 81Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 82Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 84Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 304 page
background image
Am79C973/Am79C975
81
P R E L I M INARY
Figure 35. 100BASE-X Transmit and Receive Data Paths of the Internal PHY
Serial O/P
Symbol O/P
Loopback Paths
4B/5B Encoder
/J/K/ Insertion
/T/R/ Insertion
1
0
5
DISALIGN
PDX
5
5
1
0
Scrambler
Serializer
TX_EN
DISSCR
5
5
5
Deserializer
Clock Recovery
RSCLK
PDX
SDI
±
1
0
1
0
5B/4B Decoder
Code Align
Descrambler
DISALIGN
LBK[1:0]=10
LBK[1:0]=11
DISSCR
10
5
5
5
5
5
5
1
0
RXD[3:0] & RX_ER
RX_DV
TXD[3:0] & TX_ER
PECL
Conversion
MLT-3 Conversion with
Adaptive Equalization
and Baseline Restoration
RX
±
PECL
Conversion
MLT-3
Conversion
TX
±
SDI
±
SDI
±
Note: The 5-bit mode bypasses Encoder/Decoder and Scrambler/Descrambler logic.
Internal MII-Compatible Interface
Internal MII-Compatible Interface
21510D-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com