Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 73Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 74Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 75Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 76Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 77Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 304 page
background image
Am79C973/Am79C975
77
P R E L I M INARY
The number of bytes to be stripped is calculated from
the embedded length field (as defined in the ISO 8802-
3 (IEEE/ANSI 802.3) definition) contained in the frame.
The length indicates the actual number of LLC data
bytes contained in the message. Any received frame
which contains a length field less than 46 bytes will have
the pad field stripped (if ASTRP_RCV is set). Receive
frames which have a length field of 46 bytes or greater
will be passed to the host unmodified.
Figure 34 shows the byte/bit ordering of the received
length field for an IEEE 802.3-compatible frame format.
Figure 34. IEEE 802.3 Frame And Length Field Transmission Order
Since any valid Ethernet Type field value will always be
greater than a normal IEEE 802.3 Length field (Š46),
the Am79C973/Am79C975 controller will not attempt to
strip valid Ethernet frames. Note that for some network
protocols, the value passed in the Ethernet Type and/
or IEEE 802.3 Length field is not compliant with either
standard and may cause problems if pad stripping is
enabled.
Receive FCS Checking
Reception and checking of the received FCS is per-
formed automatically by the Am79C973/Am79C975
controller. Note that if the Automatic Pad Stripping fea-
ture is enabled, the FCS for padded frames will be ver-
ified against the value computed for the incoming bit
stream including pad characters, but the FCS value for
a padded frame will not be passed to the host. If an
FCS error is detected in any frame, the error will be re-
ported in the CRC bit in RMD1.
Receive Exception Conditions
Exception conditions for frame reception fall into two
distinct categories, i.e., those conditions which are the
result of normal network operation, and those which
occur due to abnormal network and/or host related
events.
Normal events which may occur and which are handled
autonomously by the Am79C973/Am79C975 controller
are basically collisions within the slot time and auto-
ma tic r u n t packe t r e jection . T h e Am 79C9 73/
Am79C975 controller will ensure that collisions that
occur within 512 bit times from the start of reception
(excluding preamble) will be automatically deleted from
the receive FIFO with no host intervention. The receive
FIFO will delete any frame that is composed of fewer
than 64 bytes provided that the Runt Packet Accept
(RPA bit in CSR124) feature has not been enabled and
the network interface is operating in half-duplex mode,
or the full-duplex Runt Packet Accept Disable bit (FDR-
PAD, BCR9, bit 2) is set. This criterion will be met re-
gardless of whether the receive frame was the first (or
only) frame in the FIFO or if the receive frame was
queued behind a previously received message.
Abnormal network conditions include:
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 – 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
Start of Frame
at Time = 0
Increasing Time
Bit
0
Bit
7
Bit
0
Bit
7
Most
Significant
Byte
Least
Significant
Byte
1 – 1500
Bytes
45 – 0
Bytes
21510D-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com