Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 43Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 44Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 45Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 47Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 304 page
background image
Am79C973/Am79C975
47
P R E L I M INARY
starts driving AD[31:0] and C/BE[3:0] on clock 5.
FRAME is asserted at clock 5 indicating a valid ad-
dress and command on AD[31:0] and C/BE[3:0].
Figure 11. Bus Acquisition
In burst mode, the deassertion of REQ depends on the
setting of EXTREQ (BCR18, bit 8). If EXTREQ is
cleared to 0, REQ is deasserted at the same time as
FRAME is asserted. (The Am79C973/Am79C975 con-
troller never performs more than one burst transaction
within a single bus mastership period.) If EXTREQ is
set to 1, the Am79C973/Am79C975 controller does not
deassert REQ until it starts the last data phase of the
transaction. Once asserted, REQ remains active until
GNT has become active and independent of subse-
quent setting of STOP (CSR0, bit 2) or SPND (CSR5,
bit 0). The assertion of H_RESET or S_RESET, how-
ever, will cause REQ to go inactive immediately.
Bus Master DMA Transfers
There are four primary types of DMA transfers. The
Am79C973/Am79C975 controller uses non-burst as
well as burst cycles for read and write access to the
main memory.
Basic Non-Burst Read Transfer
By default, the Am79C973/Am79C975 controller uses
non-burst cycles in all bus master read operations. All
Am79C973/Am79C975 controller non-burst read ac-
cesses are of the PCI
command type Memory Read
(type 6). Note that during a non-burst read operation,
all byte lanes will always be active. The Am79C973/
Am79C975 controller will internally discard unneeded
bytes.
The Am79C973/Am79C975 controller typically per-
forms more than one non-burst read transaction within
a single bus mastership period. FRAME is dropped be-
tween consecutive non-burst read cycles. REQ how-
ever stays asserted until FRAME is asserted for the last
transaction. The Am79C973/Am79C975 controller
supports zero wait state read cycles. It asserts IRDY
immediately after the address phase and at the same
time starts sampling DEVSEL. Figure 12 shows two
non-burst read transactions. The first transaction has
zero wait states. In the second transaction, the target
extends the cycle by asserting TRDY one clock later.
Basic Burst Read Transfer
The Am79C973/Am79C975 controller supports burst
mode for all bus master read operations. The burst
mode must be enabled by setting BREADE (BCR18, bit
6). To allow burst transfers in descriptor read opera-
tions, the Am79C973/Am79C975 controller must also
be programmed to use SWSTYLE 3 (BCR20, bits 7-0).
All burst read accesses to the initialization block and
descriptor ring are of the PCI command type Memory
Read (type 6). Burst read accesses to the transmit
buffer typically are longer than two data phases. When
MEMCMD (BCR18, bit 9) is cleared to 0, all burst read
accesses to the transmit buffer are of the PCI com-
mand type Memory Read Line (type 14). When MEM-
CMD (BCR18, bit 9) is set to1, all burst read accesses
to the transmit buffer are of the PCI command type
Memory Read Multiple (type 12). AD[1:0] will both be 0
during the address phase indicating a linear burst or-
der. Note that during a burst read operation, all byte
lan e s w ill always be act i ve . The Am7 9 C 9 73/
Am79C975 controller will internally discard unneeded
bytes.
The Am79C973/Am79C975 controller will always per-
form only a single burst read transaction per bus mas-
tership period, where transaction is defined as one
address phase and one or multiple data phases. The
Am79C973/Am79C975 controller supports zero wait
state read cycles. It asserts IRDY immediately after the
address phase and at the same time starts sampling
DEVSEL. FRAME is deasserted when the next to last
data phase is completed.
Figure 13 shows a typical burst read access. The
Am79C973/Am79C975 controller arbitrates for the bus,
is granted access, reads three 32-bit words (DWord)
from the system memory, and then releases the bus. In
the example, the memory system extends the data
phase of each access by one wait state. The example
assumes that EXTREQ (BCR18, bit 8) is cleared to 0,
therefore, REQ is deasserted in the same cycle as
FRAME is asserted.
FRAME
CLK
AD
IRDY
C/BE
REQ
GNT
1
2345
CMD
ADDR
21510D-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com