Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 226 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 226 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 223Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 226Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 230Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 304 page
background image
226
Am79C973/Am79C975
P R E L I M INARY
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES unless otherwise
specified (Concluded)
Notes:
1. IOL2 applies to DEVSEL, FRAME, INTA, IRDY, PERR, SERR, STOP, TRDY, EECS, EEDI, EBUA_EBA[7:0], EBDA[15:8],
EBD[7:0], EROMCS, AS_EBOE, EBWE, and PHY_RST.
IOL3 applies to LED0, LED1, LED2, LED3, and WUMI.
IOL4 applies to AD[31:0], C/BE[3:0], PAR, and REQ pins in 5 V signalling environment.
2. VOH does not apply to open-drain output pins.
3. IOH2 applies to all other outputs.
4. IOZ applies to all output and bidirectional pins, except the PME pin. Tests are performed at VIN = 0 V and at VDD only.
5. IIX applies to all input pins except PME, TDI, TCLK, and TMS pins.
6. IIL and IIH apply to the TDI, TCLK, and TMS pins.
7. IIX_PME applies to the PME pin only. Tests are performed at VIN = 0 V and 5.5 V only.
8. Parameter not tested. Value determined by characterization.
9. CCLK applies only to the CLK pin.
10. CIDSEL applies only to the IDSEL pin.
11. Power supply current values listed here are preliminary estimates and are not guaranteed.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Pin Capacitance
CIN
Pin Capacitance
FC = 1 MHz (Note 8)
10
pF
CCLK
CLK Pin Capacitance
FC = 1 MHz (Notes 8,9)
5
12
pF
CIDSEL
IDSEL Pin Capacitance
Fc = 1 MHz (Notes 8, 10
8
pF
LPIN
Pin Inductance
Fc = 1 MHz (Note 8)
20
nH
Power Supply Current (Note 11)
IDD
Dynamic Current
PCI CLK at 33 MHz
320.0
mA
IDD_WU1
Wake-up current when the device is
in the D1, D2, or D3 state and the
PCI bus is in the B0 or B1 state.
PCI CLK at 33 MHz, Device in Magic
Packet or OnNow mode, receiving
non-matching packets
300.0
mA
IDD_WU2
Wake-up current when the device is
in the D2 or D3 state and the PCI bus
is in the B2 or B3 state.
PCI CLK LOW, PG LOW, Device at
Magic Packet or OnNow mode,
receiving non-matching packets
290.0
mA
IDD_S
Static IDD
PCI CLK, RST, and RST HIGH.
135.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com