Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 232 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 232 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 233Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 234Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 235Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 236Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 304 page
background image
232
Am79C973/Am79C975
P R E L I M INARY
PMD Interface
PECL
Note:
1. Not included in the production test.
Figure 53 PMD Interface Timing (PECL)
MLT-3
Figure 54 PMD Interface Timing (MLT-3)
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
160
tR (Note 1) TX+, TX- Rise Time
PECL Load
0.5
3
ns
161
tF (Note 1)
TX+, TX- Fall Time
PECL Load
0.5
3
ns
162
tSK (Note 1) TX+ to TX- skew
PECL Load
--
+200
ps
TX+,TX–
TX+
TX–
162
161
80%
20%
160
21510D-57
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
170
tR (Note 1) TX+, TX- Rise Time
3
5
ns
171
tF (Note 1) TX+, TX- Fall Time
3
5
ns
172
tSK Note 1) TX+ to TX- skew
--
+250
ps
171
172
170
TX+,
TX–
TX
±
TX–
80%
20%
21510D-58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com