Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 283 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 283 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 279Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 280Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 281Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 282Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 283Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 284Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 285Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 286Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 287Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 304 page
background image
APPENDIX D
Am79C973/Am79C975
283
Alternative Method for
Initialization
APPENDIX D: Alternative Method for Initialization
The Am79C973/Am79C975 controller may be initial-
ized by performing I/O writes only. That is, data can be
written directly to the appropriate control and status
registers (CSR instead of reading from the initialization
block in memory). The registers that must be written
are shown in Table D-76. These register writes are fol-
lowed by writing the START bit in CSR0.
Note:
1. The INIT bit must not be set or the initialization block will be accessed instead.
2. Needed only if SSIZE32 =0.
3. Needed only if the physical address is different from the one stored in EEPROM or if there is no EEPROM present.
Table 76. Registers for Alternative Initialization Method (Note 1)
Control and Status Register
Comment
CSR2
IADR[31:16] (Note 2)
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0] (Note 3)
CSR13
PADR[31:16] (Note 3)
CSR14
PADR[47:32] (Note 3)
CSR15
Mode
CSR24-25
BADR
CSR30-31
BADX
CSR47
TXPOLLINT
CSR49
RXPOLLINT
CSR76
RCVRL
CSR78
XMTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com