Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 289 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 289 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 285Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 286Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 287Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 288Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 289Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 290Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 291Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 292Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 293Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 304 page
background image
Am79C973/Am79C975
289
P R E L I M INARY
descriptor, unless the previous STP descriptor in the
ring is also OWNED by the software.
When LAPPEN = 1, then hardware will use a modified
form of descriptor parsing as follows:
n The controller will examine OWN and STP to deter-
mine where to begin placing an RCV frame. A new
RCV frame will only begin in a buffer that has
OWN = 1 and STP =1.
n The controller will always obey the OWN bit for de-
termining whether or not it may use the next buffer
for a chain.
n The controller will always mark the end of a frame
with either ENP = 1 or ERR = 1.
The controller will discard all descriptors with OWN = 1
and STP = 0 and move to the next descriptor when
searching for a place to begin a new frame. It discards
these descriptors by simply changing the ownership bit
from OWN = 1 to OWN = 0. Such a descriptor is unused
for receive purposes by the controller, and the driver
must recognize this. (The driver will recognize this if it
follows the software rules.)
The controller will ignore all descriptors with OWN = 0
and STP = 0 and move to the next descriptor when
searching for a place to begin a new frame. In other
words, the controller is allowed to skip entries in the
ring that it does not own, but only when it is looking for
a place to begin a new frame.
Some Examples of LAPP Descriptor
Interaction
Choose an expected frame size of 1060 bytes. Choose
buffer sizes of 800, 200, and 200 bytes.
n Example 1: Assume that a 1060 byte frame arrives
correctly, and that the timing of the early interrupt
and the software is smooth. The descriptors will
have changed from:
n Example 2: Assume that instead of the expected
1060 byte frame, a 900 byte frame arrives, either
because there was an error in the network, or be-
cause this is the last frame in a file transmission se-
quence.
Note: The Am79C973 controller might write a ZERO
to ENP location in the third descriptor. Here are the two
possibilities:
1. If the controller finishes the data transfers into buffer
number 2 after the driver writes the application
modified buffer pointer into the third descriptor, then
the controller will write a ZERO to ENP for this buffer
and will write a ZERO to OWN and STP.
2. If the controller finishes the data transfers into buffer
number 2 before the driver writes the applications
Descriptor
Number
Before the Frame Arrives
After the Frame Arrives
Comments (After
Frame Arrival)
OWN
STP
ENPa
OWN
STP
ENPb
1
1
1
x
0
1
0
Bytes 1-800
2
1
0
X
0
0
0
Bytes 801-1000
3
0
0
X
0
0
1
Bytes 1001-1060
4
1
1
X
1
1
X
Controller’s current
location
5
1
0
X
1
0
X
Not yet used
6
0
0
X
0
0
X
Not yet used
etc.
1
1
X
1
1
X
Net yet used
a. & b. ENP or ERR.
Descriptor
Number
Before the Frame Arrives
After the Frame Arrives
Comments (After
Frame Arrival)
OWN
STP
ENPa
OWN
STP
ENPb
1
1
1
x
0
1
0
Bytes 1-800
2
1
0
X
0
0
0
Bytes 801-1000
3
0
0
X
0
0
?*
Discarded buffer
4
1
1
X
1
1
X
Controller’s current
location
5
1
0
X
1
0
X
Not yet used
6
0
0
X
0
0
X
Not yet used
etc.
1
1
X
1
1
X
Net yet used
a. & b. ENP or ERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com