Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 100Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 304 page
background image
Am79C973/Am79C975
103
P R E L I M INARY
Figure 49. OnNow Functional Diagram
OnNow Wake-Up Sequence
The system software enables the PME pin by setting
the PME_EN bit in the PMCSR register (PCI configura-
tion registers, offset 44h, bit 8) to 1. When a Wake-up
event is detected, the Am79C973/Am79C975 control-
ler sets the PME_STATUS bit in the PMCSR register
(PCI configuration registers, offset 44h, bit 15). Setting
this bit causes the PME signal to be asserted. Asser-
tion of the PME signal causes external hardware to
wake up the CPU. The system software then reads the
PMCSR register of every PCI device in the system to
determine which device asserted the PME signal.
When the software determines that the signal came
from the Am79C973/Am79C975 controller, it writes to
the device’s PMCSR to put the device into power state
D0. The software then writes a 0 to the PME_STATUS
bit to clear the bit and turn off the PME signal, and it
calls the device’s software driver to tell it that the device
is now in state D0. The system software can clear the
PME_STATUS bit either before, after, or at the same
time that it puts the device back into the D0 state.
Link Change Detect
Link change detect is one of Wake-up events defined
by the OnNow specification and is supported by the
RWU mode. Link Change Detect mode is set when the
LCMODE bit (CSR116, bit 8) is set either by software
or loaded through the EEPROM.
When this bit is set, any change in the Link status will
cause the LCDET bit (CSR116, bit 9) to be set. When
MPDETECT
MPPEN
PG
MPMODE
MPEN
MPINT
LED
WUMI
Magic Packet
Link Change
LCMODE
Link Change
MPMAT
LCDET
S
R
Q
Q
DET
CLR
BCR47
BCR46
BCR45
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
PMAT
Pattern Match
Input
Pattern
PME_STATUS
Pattern Match RAM (PMR)
PME Status
PME_EN
MPMAT
PME_EN_OVR
LCEVENT
PME
RWU
S
R
Q
Q
SET
CLR
POR
POR
H_RESET
POR
POR
21510D-54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com