Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 109Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 110Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 111Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 112Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 113Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 304 page
background image
Am79C973/Am79C975
113
P R E L I M INARY
CSR82
Bus Activity Timer
CSR100
Memory Error Timeout
CSR116^
OnNow Miscellaneous
CSR122
Receiver Packet Alignment Control
CSR125^
MAC Enhanced Configuration Control
BCR2^
Miscellaneous Configuration
BCR4^
LED0 Status
BCR5^
LED1 Status
BCR6^
LED2 Status
BCR7^
LED3 Status
BCR9^
Full-Duplex Control
BCR18^
Bus and Burst Control
BCR19
EEPROM Control and Status
BCR20
Software Style
BCR22^
PCI Latency
BCR23^
PCI Subsystem Vendor ID
BCR24^
PCI Subsystem ID
BCR25^
SRAM Size
BCR26^
SRAM Boundary
BCR27^
SRAM Interface Control
BCR32^
Internal PHY Control and Status
BCR33^
Internal PHY Address
BCR35^
PCI Vendor ID
BCR36
PCI
Power
Management
Capabilities
(PMC) Alias Register
BCR37
PCI DATA Register Zero (DATA0) Alias
Register
BCR38
PCI DATA Register One (DATA1) Alias
Register
BCR39
PCI DATA Register Two (DATA2) Alias
Register
BCR40
PCI DATA Register Three (DATA3) Alias
Register
BCR41
PCI DATA Register Four (DATA4) Alias
Register
BCR42
PCI DATA Register Five (DATA5) Alias
Register
BCR43
PCI DATA Register Six (DATA6) Alias Reg-
ister
BCR44
PCI DATA Register Seven (DATA7) Alias
Register
BCR45
OnNow Pattern Matching Register 1
BCR46
OnNow Pattern Matching Register 2
BCR47
OnNow Pattern Matching Register 3
s Running Registers
These registers are intended to be used by the device
driver software after the Am79C973/Am79C975 con-
troller is running to access status information and to
pass control information.
The following is a list of the registers that would typi-
cally need to be periodically read and perhaps written
during the normal running operation of the Am79C973/
Am79C975 controller within a system. Each of these
registers contains control bits, or status bits, or both.
RAP
Register Address Port
CSR0
Am79C973/Am79C975 Controller Status
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR7
Extended Control and Interrupt2
CSR112
Missed Frame Count
CSR114
Receive Collision Count
BCR32
Internal PHY Control and Status
BCR33
Internal PHY Address
BCR34
Internal PHY Management Data
s Test Registers
These registers are intended to be used only for testing
and diagnostic purposes. Those registers not included
in any of the above lists can be assumed to be intended
for diagnostic purposes.
PCI Configuration Registers
PCI Vendor ID Register
Offset 00h
The PCI Vendor ID register is a 16-bit register that iden-
tifies the manufacturer of the Am79C973/Am79C975
controller. AMD’s Vendor ID is 1022h. Note that this
vendor ID is not the same as the Manufacturer ID in
CSR88 and CSR89. The vendor ID is assigned by the
PCI Special Interest Group.
The PCI Vendor ID register is located at offset 00h in
the PCI Configuration Space. It is read only.
This register is the same as BCR35 and can be written
by the EEPROM.
PCI Device ID Register
Offset 02h
The PCI Device ID register is a 16-bit register that
uniquely identifies the Am79C973/Am79C975 control-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com