Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 304 page
background image
118
Am79C973/Am79C975
P R E L I M INARY
will drive DEVSEL indicating it
will respond to the access.
IOBASE is read and written by
the host. IOBASE is cleared by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
4-2
IOSIZE
I/O size requirements. Read as
zeros; write operations have no
effect.
IOSIZE indicates the size of the
I/O
space
the
Am79C973/
Am79C975 controller requires.
When the host writes a value of
FFFF FFFFh to the I/O Base Ad-
dress register, it will read back a
value of 0 in bits 4-2. That indi-
cates an Am79C973/Am79C975
I/O space requirement of 32
bytes.
1
RES
Reserved location. Read as zero;
write operations have no effect.
0
IOSPACE
I/O space indicator. Read as one;
write operations have no effect.
Indicating that this base address
register describes an I/O base
address.
PCI Memory Mapped I/O Base Address Register
Offset 14h
The PCI Memory Mapped I/O Base Address register is
a 32-bit register that determines the location of the
Am79C973/Am79C975 I/O resources in all of memory
space. It is located at offset 14h in the PCI Configuration
Space.
Bit
Name
Description
31-5
MEMBASE Memory mapped I/O base ad-
dress most significant 27 bits.
These bits are written by the host
to specify the location of the
Am79C973/Am79C975 I/O re-
sources in all of memory space.
MEMBASE must be written with a
valid
address
before
the
Am79C973/Am79C975 controller
slave memory mapped I/O mode
is turned on by setting the ME-
MEN bit (PCI Command register,
bit 1).
When
the
Am79C973/
Am79C975 controller is enabled
for memory mapped
I/O mode
(MEMEN is set), it monitors the
PCI bus for a valid memory com-
mand. If the value on AD[31:5]
during the address phase of the
cycles matches the value of
MEMBASE,
the
Am79C973/
Am79C975 controller will drive
DEVSEL indicating it will respond
to the access.
MEMBASE is read and written by
the host. MEMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
4
MEMSIZE
Memory mapped I/O size re-
quirements. Read as zeros; write
operations have no effect.
MEMSIZE indicates the size of
the
memory
space
the
Am79C973/Am79C975 controller
requires. When the host writes a
value of FFFF FFFFh to the
Memory Mapped I/O Base Ad-
dress register, it will read back a
value of 0 in bit 4. That indicates
a Am79C973/Am79C975 memo-
ry space requirement of 32 bytes.
3
PREFETCH Prefetchable. Read as zero; write
operations have no effect. Indi-
cates that memory space con-
trolled by this base address
register is not prefetchable. Data
in the memory mapped I/O space
cannot be prefetched. Because
one of the I/O resources in this
address space is a Reset regis-
ter, the order of the read access-
es is important.
2-1
TYPE
Memory type indicator. Read as
zeros; write operations have no
effect. Indicates that this base ad-
dress register is 32 bits wide and
mapping can be done anywhere
in the 32-bit memory space.
0
MEMSPACE Memory space indicator. Read
as zero; write operations have no
effect. Indicates that this base ad-
dress register describes a memo-
ry base address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com