Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 153Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 154Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 155Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 156Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 157Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 158Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 159Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 160Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 304 page
background image
Am79C973/Am79C975
157
P R E L I M INARY
gressive nodes to defer. By pro-
gramming a larger number of bit
times,
the
Am79C973/
Am79C975 MAC will become
less aggressive on the network
and may defer more often than
normal. The performance of the
Am79C973/Am79C975 controller
may decrease as the IPG value is
increased from the default value.
Note: Programming of the IPG
should be done in nibble intervals
instead of absolute bit times. The
decimal and hex values do not
match due to delays in the part
used to make up the final IPG.
Changes should be added or sub-
tracted from the provided hex val-
ue on a one-for-one basis.
CAUTION: Use this parameter
with care. By lowering the IPG
below the ISO/IEC 8802-3 stan-
dard
96
bit
times,
the
Am79C973/Am79C975 control-
ler can interrupt normal net-
work behavior.
Read/Write is accessible only
when either the STOP bit or the
SPND bit is set. IPG is set to 60h
(96 Bit times) by H_RESET or
S_RESET and is not affected by
STOP.
7-0
IFS1
InterFrameSpacingPart1. Chang-
ing IFS1 allows the user to pro-
gram the value of the InterFrame-
SpacePart1
timing.
The
Am79C973/Am79C975 controller
sets the default value at 60 bit
times (3ch). See the subsection
on Medium Allocation in the sec-
tion Media Access Management
for more details.
The equation for setting IFS1
when IPG
≥ 96 bit times is as fol-
lows:
IFS1 = IPG - 36 bit times
Note: Programming of the IPG
should be done in nibble intervals
instead of absolute bit times due
to the MII. The decimal and hex
values do not match due to de-
lays in the part used to make up
the final IPG.
Changes should be added or
subtracted from the provided hex
value on a one-for-one basis.
Due to changes in synchroniza-
tion delays internally through dif-
ferent network ports, the IFS1
can be off by as much as +12 bit
times.
Read/Write is accessible only
when either the STOP bit or the
SPND bit is set. IFS1 is set to 3ch
(60 bit times) by H_RESET or
S_RESET and is not affected by
STOP.
Bus Configuration Registers
The Bus Configuration Registers (BCR) are used to
program the configuration of the bus interface and oth-
er special features of the Am79C973/Am79C975 con-
troller that are not related to the IEEE 8802-3 MAC
functions. The BCRs are accessed by first setting the
appropriate RAP value and then by performing a slave
access to the BDP. See Table 29.
All BCR registers are 16 bits in width in Word I/O mode
(DWIO = 0, BCR18, bit 7) and 32 bits in width in DWord
I/O mode (DWIO = 1). The upper 16 bits of all BCR reg-
isters is undefined when in DWord I/O mode. These
bits should be written as zeros and should be treated
as undefined when read. The default value given for
any BCR is the value in the register after H_RESET.
Some of these values may be changed shortly after
H_RESET when the contents of the external EEPROM
is automatically read in. None of the BCR register val-
ues are affected by the assertion of the STOP bit or
S_RESET.
Note that several registers have no default value.
BCR0, BCR1, BCR3, BCR8, BCR10-17, and BCR21
are reserved and have undefined values. BCR2 and
BCR34 are not observable without first being pro-
grammed through the EEPROM read operation or a
user register write operation.
BCR0, BCR1, BCR16, BCR17, and BCR21 are regis-
ters that are used by other devices in the PCnet family.
Writing to these registers have no effect on the opera-
tion of the Am79C973/Am79C975 controller.
Writes to those registers marked as “Reserved” will
have no effect. Reads from these locations will produce
undefined values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com