Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 18Page - Advanced Micro Devices AM79C984 Datasheet HTML 19Page - Advanced Micro Devices AM79C984 Datasheet HTML 20Page - Advanced Micro Devices AM79C984 Datasheet HTML 21Page - Advanced Micro Devices AM79C984 Datasheet HTML 22Page - Advanced Micro Devices AM79C984 Datasheet HTML 23Page - Advanced Micro Devices AM79C984 Datasheet HTML 24Page - Advanced Micro Devices AM79C984 Datasheet HTML 25Page - Advanced Micro Devices AM79C984 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
P R E L I M I N A R Y
22
Am79C984A
Command/Response Timing
Figure 6 shows the command/response timing. At the
end of a GET command, the eIMR device waits two
SCLK cycles and then transmits the response on SO.
.
Figure 6. Control Get Command/Response
Control Commands
The following section details the operation of each con-
trol commands available in the eIMR device. In all
cases, the individual bits in each command are shown
with the most-significant bit (bit 7) on the left and the
least-significant bit (bit 0) on the right. Table 4 and Table
5 show a summary of default states and a summary of
control commands, respectively.
Note: Data is transmitted and received on the serial
data lines least-significant bit first and most-significant
bit last.
ST D0 D1 D2 D3 D4 D5 D6 D7
SCLK
SI
ST D0 D1 D2 D3 D4 D5 D6 D7
SO
20650A-11
20650B-11
Table 4. Summary of Default States after Reset
eIMR Programmable Option—S Off
AUI Partitioning Algorithm
Normal
TP Partitioning Algorithm
Normal
AUI/TP Port
Enabled
Link Test
Enabled
Link Pulse
Enabled
Automatic Receiver Polarity
Reversal
State of SI at reset
Extended Distance Mode
Disabled
Blink Rate
Off
Software Override of LEDs
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com