Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 28Page - Advanced Micro Devices AM79C984 Datasheet HTML 29Page - Advanced Micro Devices AM79C984 Datasheet HTML 30Page - Advanced Micro Devices AM79C984 Datasheet HTML 31Page - Advanced Micro Devices AM79C984 Datasheet HTML 32Page - Advanced Micro Devices AM79C984 Datasheet HTML 33Page - Advanced Micro Devices AM79C984 Datasheet HTML 34Page - Advanced Micro Devices AM79C984 Datasheet HTML 35Page - Advanced Micro Devices AM79C984 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
P R E L I M I N A R Y
32
Am79C984A
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . –65
° C to +150° C
Ambient Temperature Under Bias . . . . 0
° C to +70° C
Supply Voltage referenced to
AVSS or DVSS (AVDD, DVDD). . . . . . . –0.3 V to +6.0 V
Stresses above those listed under ABSOLUTE MAXI-
MUM RATINGS may cause permanent device failure.
Functionality at or above these limits is not implied. Ex-
posure to Absolute Maximum Ratings for extended pe-
riods may affect reliability. Programming conditions may
differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . 0° C to +70° C
Supply Voltages (VDD) . . . . . . . . . . . . . . . . . +5 V ±5%
Operating ranges define those limits between which the
functionality of the device is guaranteed.
DC CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Digital I/O
VIL
Input LOW Voltage
VSS = 0.0 V
–0.5
0.8
V
VIH
Input HIGH Voltage
VSS = 0.0 V
2.0
0.5 + VDD
V
VOL
Output LOW Voltage
IOL = 4.0 mA
–
0.4
V
VOH
Output HIGH Voltage
IOH = –0.4 mA
2.4
–
V
IIL
Input Leakage Current
VSS<VIN<VDD
–
10
µA
IILSTR
Input Leakage Current for STR pin
VSS<VIN<VDD
–
50
µA
VOLOD
Open Drain Output LOW Voltage (LED pins)
IOLOD = 12 mA
–
0.4
V
AUI Ports
IIAXD
Input Current at DI
± and CI± Pairs
VSS<VIN<VDD
–500
500
µA
VAICM
DI
±, CI± Open Circuit Input Voltage Range
IIN = 0
VDD – 3.0
VDD – 1.0
V
VAIDV
Differential Mode Input Voltage Range
(DI, CI)
VDD = 5.0 V
–2.5
+2.5
V
VASQ
DI, CI Squelch Threshold
–
–275
–160
mV
VATH
DI Switching Threshold
(Note 1)
-35
+35
mV
VAOD
Differential Output Voltage
(DO+) – (DO)
RL = 78 Ω
620
1100
mV
VAOC
Differential Output Voltage
(CI+) – (CI–)
(Reverse Mode)
RL = 78 Ω
620
1100
mV
VAODI
DO Differential Output Voltage Imbalance
RL = 78 Ω
–25
+25
mV
VAODOFF DO Differential Idle Output Voltage
RL = 78 Ω
–40
+40
mV
IAODOFF
DO Differential Idle Output Current
RL = 78 Ω (Note 1)
–1.0
+1.0
mA
VAOCM
DO+, DO- Common Mode Output Voltage
RL = 78 Ω
2.5
VDD
V
Twisted Pair Ports
IIRXD
Input Current at RXD
±
and CI
± Pairs
AVSS<VIN<VDD
–500
500
µA
RRXD
RXD Differential Input
(Note 1)
10
–
k
Ω
VTIVB
RXD+, RXD– Open Circuit
Input Voltage (bias)
VDD – 3.0
VDD – 1.5
V
VTID
Differential Mode Input
Range (RXD)
VDD = 5.0 V
–3.1
+3.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com