Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 30Page - Advanced Micro Devices AM79C984 Datasheet HTML 31Page - Advanced Micro Devices AM79C984 Datasheet HTML 32Page - Advanced Micro Devices AM79C984 Datasheet HTML 33Page - Advanced Micro Devices AM79C984 Datasheet HTML 34Page - Advanced Micro Devices AM79C984 Datasheet HTML 35Page - Advanced Micro Devices AM79C984 Datasheet HTML 36Page - Advanced Micro Devices AM79C984 Datasheet HTML 37Page - Advanced Micro Devices AM79C984 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
P R E L I M I N A R Y
34
Am79C984A
SWITCHING CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock and Reset Timing
tCLK
CLK Clock Period
49.995
50.005
ns
tCLKH
CLK Clock High
20
30
ns
tCLKL
CLK Clock Low
20
30
ns
tCLKR
CLK Rise Time
–
10
ns
tCLKF
CLK Fall Time
–
10
ns
tPRST
Reset Pulse Width after Power On
150
–
µs
tRST
Reset Pulse Width
4
–
µs
tRSTSET
Reset HIGH Setup Time with respect to
CLK
15
–
ns
tRSTHLD
Reset LOW Hold Time
0
–
ns
tXRS
AMODE, SELI0, and SI_D Setup Time
to Rising Edge of RST
0
–
ns
tXRH
AMODE,SELI0, and SI_D Hold Time
from Rising Edge of RST
400
–
ns
AUI Port Timing
tDOTD
CLK Rising Edge to DO Toggle
–
30
ns
tDOTR
DO+, DO– Rise Time (10% to 90%)
–
7.0
ns
tDOTF
DO+, DO– Fall Time (90% to 10%)
–
7.0
ns
tDORM
DO+, DO– Rise and Fall Time Mismatch
–
1.0
ns
tDOETD
DO
± End of Transmission
275
375
ns
tPWODI
DI Pulse Width Accept/Reject Threshold
|VIN|>|VASQ| (Note 2)
15
45
ns
tPWKDI
DI Pulse Width Not to Turn-off Internal
Carrier Sense
|VIN|>|VASQ| (Note 3)
136
200
ns
tPWOCI
CI Pulse Width Accept/Reject Threshold
|VIN|>|VASQ| (Note 4)
10
26
ns
tPWKCI
CI Pulse Width Not to Turn-off Threshold
|VIN|>|VASQ| (Note 5)
75
160
ns
tCITR
CI Rise Time (In Reverse Mode)
–
7.0
ns
tCITF
CI Fall Time (In Reverse Mode)
–
7.0
ns
tCIRM
CI+, CI– Rise and Fall Time Mismatch
(AUI in Reverse Mode)
–
1.0
ns
Expansion Bus Timing
tCLKHRL
CLK HIGH to SELO Driven LOW
CL = 50 pF
15
30
ns
tCLKHRH
CLK HIGH to SELO Driven HIGH
CL = 50 pF
15
30
ns
tCLKHDR
CLK HIGH to DAT/JAM Driven
CL = 100 pF
14
30
ns
tCLKHDZ
CLK HIGH to DAT/JAM Not Driven
CL = 100 pF
14
30
ns
tDJSET
DAT/JAM Setup Time to CLK
10
–
ns
tDJHOLD
DAT/JAM Hold Time from CLK
9
–
ns
tCASET
COL/ACK Setup Time to CLK
10
–
ns
tCAHLD
COL/ACK Hold Time from CLK
9
–
ns
tSCLKHLD
SI, SCLK Hold Time
50
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com