Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 27Page - Advanced Micro Devices AM79C984 Datasheet HTML 28Page - Advanced Micro Devices AM79C984 Datasheet HTML 29Page - Advanced Micro Devices AM79C984 Datasheet HTML 30Page - Advanced Micro Devices AM79C984 Datasheet HTML 31Page - Advanced Micro Devices AM79C984 Datasheet HTML 32Page - Advanced Micro Devices AM79C984 Datasheet HTML 33Page - Advanced Micro Devices AM79C984 Datasheet HTML 34Page - Advanced Micro Devices AM79C984 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
P R E L I M I N A R Y
Am79C984A
31
Visual Status Display
LDA/B[4:0] and LDGA/B provide visual status indicators
for the eIMR. LDA/B[4:0] displays Link, Carrier Sense,
Collision, and Partition information for the TP and AUI
ports. LDGA/B display global Carrier Sense, Collision,
and Jabber information.
In a multiple eIMR configuration, the global LED drivers
(LDGA/B) from each chip can be tied together to drive
a single pair of global status LEDs. The open drain out-
put of these drivers facilitate this configuration. Refer to
Figure 13.
Figure 13. Visual Status Display Connection
LDA[4:0]
LDB[4:0]
LDGA
LDGB
LDA[4:0]
LDB[4:0]
LDGA
LDGB
VDD
20650A-19
20650B-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com