Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 7Page - Advanced Micro Devices AM79C984 Datasheet HTML 8Page - Advanced Micro Devices AM79C984 Datasheet HTML 9Page - Advanced Micro Devices AM79C984 Datasheet HTML 10Page - Advanced Micro Devices AM79C984 Datasheet HTML 11Page - Advanced Micro Devices AM79C984 Datasheet HTML 12Page - Advanced Micro Devices AM79C984 Datasheet HTML 13Page - Advanced Micro Devices AM79C984 Datasheet HTML 14Page - Advanced Micro Devices AM79C984 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
P R E L I M I N A R Y
Am79C984A
11
PIN DESIGNATIONS (PQR100)
Listed by Pin Number
Notes:
1. Pin 40 has a bonding option depending on internal device name.
2. NC = No Connection.
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
RXD3-
26
SELI_1
51
ACT6
76
LDC2
2
NC
27
NC
52
NC
77
NC
3
NC
28
NC
53
NC
78
NC
4
NC
29
NC
54
NC
79
NC
5
REXT
30
SELO
55
ACT7
80
VDD
6
AVSS
31
COL
56
LDA0
81
TXD0+
7
DI+
32
DVSS
57
LDB0
82
TXD0-
8
DI-
33
NC
58
DVSS
83
AVSS
9
VDD
34
ACK
59
NC
84
TXD1+
10
CI+
35
DAT
60
LDA1
85
TXD1-
11
CI-
36
VDD
61
LDB1
86
VDD
12
AVSS
37
JAM
62
VDD
87
TXD2+
13
DO+
38
NC
63
LDA2
88
TXD2-
14
DO-
39
DVSS
64
LDB2
89
AVSS
15
AMODE
40
SI
65
DVSS
90
TXD3+
16
VDD
41
SO
66
LDA3
91
TXD3-
17
DVSS
42
SCLK
67
LDB3
92
VDD
18
VDD
43
VDD
68
LDA4
93
RXD0+
19
VDD
44
ACT0
69
DVSS
94
RXD0-
20
VDD
45
ACT1
70
LDB4
95
RXD1+
21
RST
46
ACT2
71
LDGA
96
RXD1-
22
NC
47
DVSS
72
LDGB
97
RXD2+
23
CLK
48
ACT3
73
VDD
98
NC
24
DVSS
49
ACT4
74
LDC0
99
RXD2-
25
SELI_0
50
ACT5
75
LDC1
100
RXD3+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com