Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q32FVZPIP Datasheet(PDF) 79 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 79 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 75Page - Winbond W25Q32FVZPIP Datasheet HTML 76Page - Winbond W25Q32FVZPIP Datasheet HTML 77Page - Winbond W25Q32FVZPIP Datasheet HTML 78Page - Winbond W25Q32FVZPIP Datasheet HTML 79Page - Winbond W25Q32FVZPIP Datasheet HTML 80Page - Winbond W25Q32FVZPIP Datasheet HTML 81Page - Winbond W25Q32FVZPIP Datasheet HTML 82Page - Winbond W25Q32FVZPIP Datasheet HTML 83Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
W25Q32FV
Publication Release Date: Sept 16,, 2013
- 78 -
Revision H
8.2.41 Global Block/Sector Lock (7Eh)
All Block/Sector Lock bits can be set to 1 by the Global Block/Sector Lock instruction. The command
must be issued by driving /CS low, shifting the instruction code “7Eh” into the Data Input (DI) pin on the
rising edge of CLK, and then driving /CS high. A Write Enable instruction must be executed before the
device will accept the Global Block/Sector Lock Instruction (Status Register bit WEL= 1).
Figure 55. Global Block Lock Instruction for SPI Mode (left) or QPI Mode (right)
8.2.42
Global Block/Sector Unlock (98h)
All Block/Sector Lock bits can be set to 0 by the Global Block/Sector Unlock instruction. The command
must be issued by driving /CS low, shifting the instruction code “98h” into the Data Input (DI) pin on the
rising edge of CLK, and then driving /CS high. A Write Enable instruction must be executed before the
device will accept the Global Block/Sector Unlock Instruction (Status Register bit WEL= 1).
Figure 56. Global Block Unlock Instruction for SPI Mode (left) or QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com