Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q32FVZPIP Datasheet(PDF) 96 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 96 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 91Page - Winbond W25Q32FVZPIP Datasheet HTML 92Page - Winbond W25Q32FVZPIP Datasheet HTML 93Page - Winbond W25Q32FVZPIP Datasheet HTML 94Page - Winbond W25Q32FVZPIP Datasheet HTML 95Page - Winbond W25Q32FVZPIP Datasheet HTML 96Page - Winbond W25Q32FVZPIP Datasheet HTML 97Page - Winbond W25Q32FVZPIP Datasheet HTML 98Page - Winbond W25Q32FVZPIP Datasheet HTML 99Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
W25Q32FV
- 95 -
11. ORDERING INFORMATION
Notes:
1.The “W” prefix is not included on the part marking.
2.Only the 2
nd letter is used for the part marking; WSON package type ZP & ZE are not used for the part marking.
3.Standard bulk shipments are in Tube (shape E). Please specify alternate packing method, such as Tape and Reel (shape T) or
Tray (shape S), when placing orders.
4.For shipments with OTP feature enabled, please specify when placing orders.
W(1) 25Q 32F V xx(2) I
W
=
Winbond
25Q
=
SpiFlash Serial Flash Memory with 4KB sectors, Dual/Quad I/O
32F
=
32M-bit
V =
2.7V to 3.6V
SS = 8-pin SOIC 208-mil
ST = 8-pin VSOP 208-mil
SF = 16-pin SOIC 300-mil
DA = 8-pin PDIP 300-mil
ZP = WSON8 6x5-mm
ZE = WSON8 8x6-mm
TB = TFBGA 8x6-mm (5x5-1 ball array)
TC = TFBGA 8x6-mm (6x4 ball array)
I
=
Industrial (-40°C to +85°C)
(3,4)
G
=
Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)
F
=
Green Package with Fast Sector Erase time (tSE)
P
=
Green Package with Status Register Power-Down & OTP enabled
Q
=
Green Package with QE=1 in Status Register-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com