Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q32FVZPIP Datasheet(PDF) 27 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 27 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 23Page - Winbond W25Q32FVZPIP Datasheet HTML 24Page - Winbond W25Q32FVZPIP Datasheet HTML 25Page - Winbond W25Q32FVZPIP Datasheet HTML 26Page - Winbond W25Q32FVZPIP Datasheet HTML 27Page - Winbond W25Q32FVZPIP Datasheet HTML 28Page - Winbond W25Q32FVZPIP Datasheet HTML 29Page - Winbond W25Q32FVZPIP Datasheet HTML 30Page - Winbond W25Q32FVZPIP Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
W25Q32FV
Publication Release Date: Sept 16,, 2013
- 26 -
Revision H
8.1.3
Instruction Set Table 2 (Standard/Dual/Quad SPI Instructions)
(1)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock Number
(0 – 7)
(8 – 15)
(16 – 23)
(24 – 31)
(32 – 39)
(40 – 47)
Read Unique ID
4Bh
Dummy
Dummy
Dummy
Dummy
(UID63-UID0)
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(3)
Quad Page Program
32h
A23-A16
A15-A8
A7-A0
D7-D0, …
(9)
D7-D0, …
(3)
Sector Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0, …)
(7)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0, …)
(9)
Read SFDP Register
5Ah
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Erase Security Register
(5)
44h
A23-A16
A15-A8
A7-A0
Program Security Register
(5)
42h
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(3)
Read Security Register
(5)
48h
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Individual Block Lock
36h
A23-A16
A15-A8
A7-A0
Individual Block Unlock
39h
A23-A16
A15-A8
A7-A0
Read Block Lock
3Dh
A23-A16
A15-A8
A7-A0
(L7-L0)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Clock Number
(0 – 7)
(8 – 11)
(12 – 15)
(16 – 19)
(20 – 23)
(24 – 27)
(28 – 31)
Fast Read Dual I/O
BBh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Mftr./Device ID Dual I/O
92h
A23-A16
A15-A8
A7-A0
Dummy
(MF7-MF0)
(ID7-ID0)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
Byte 9
Clock Number
(0 – 7)
(8, 9)
(10, 11)
(12, 13)
(14, 15)
(16, 17)
(18, 19)
(20, 21)
(22, 23)
Set Burst with Wrap
77h
Dummy
Dummy
Dummy
W8-W0
Fast Read Quad I/O
EBh
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
Dummy
(D7-D0)
(D7-D0)
Word Read Quad I/O
(12)
E7h
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
(D7-D0)
(D7-D0)
(D7-D0)
Octal Word Read Quad I/O
(13)
E3h
A23-A16
A15-A8
A7-A0
M7-M0
(D7-D0)
(D7-D0)
(D7-D0)
(D7-D0)
Mftr./Device ID Quad I/O
94h
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
Dummy
(MF7-MF0)
(ID7-ID0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com