Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q32FVZPIP Datasheet(PDF) 3 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 3 Page - Winbond

  W25Q32FVZPIP Datasheet HTML 1Page - Winbond W25Q32FVZPIP Datasheet HTML 2Page - Winbond W25Q32FVZPIP Datasheet HTML 3Page - Winbond W25Q32FVZPIP Datasheet HTML 4Page - Winbond W25Q32FVZPIP Datasheet HTML 5Page - Winbond W25Q32FVZPIP Datasheet HTML 6Page - Winbond W25Q32FVZPIP Datasheet HTML 7Page - Winbond W25Q32FVZPIP Datasheet HTML 8Page - Winbond W25Q32FVZPIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
W25Q32FV
Publication Release Date: Sept 16,, 2013
- 2 -
Revision H
7.1.4
Top/Bottom Block Protect (TB) – Volatile/Non-Volatile Writable ..........................................17
7.1.5
Sector/Block Protect Bit (SEC) – Volatile/Non-Volatile Writable ..........................................17
7.1.6
Complement Protect (CMP) – Volatile/Non-Volatile Writable...............................................17
7.1.7
Status Register Protect (SRP1, SRP0) – Volatile/Non-Volatile Writable..............................17
7.1.8
Erase/Program Suspend Status (SUS) – Status Only .........................................................18
7.1.9
Security Register Lock Bits (LB3, LB2, LB1) – Volatile/Non-Volatile OTP Writable.............18
7.1.10
Quad Enable (QE) – Volatile/Non-Volatile Writable ...........................................................18
7.1.11
Write Protect Selection (WPS) – Volatile/Non-Volatile Writable ........................................19
7.1.12
Output Driver Strength (DRV1, DRV0) – Volatile/Non-Volatile Writable ............................19
7.1.13
HOLD or /RESET Pin Function (HOLD/RST) – Volatile/Non-Volatile Writable ..................19
7.1.14
Reserved Bits – Non Functional.........................................................................................20
7.1.15
W25Q32FV Status Register Memory Protection (WPS = 0, CMP = 0) ..............................21
7.1.16
W25Q32FV Status Register Memory Protection (WPS = 0, CMP = 1) ..............................22
7.1.17
W25Q32FV Individual Block Memory Protection (WPS=1) ...............................................23
8.
INSTRUCTIONS ............................................................................................................................. 24
8.1
Device ID and Instruction Set Tables ................................................................................. 24
8.1.1
Manufacturer and Device Identification ................................................................................24
8.1.2
Instruction Set Table 1 (Standard/Dual/Quad SPI Instructions)
(1) ........................................25
8.1.3
Instruction Set Table 2 (Standard/Dual/Quad SPI Instructions)
(1) ........................................26
8.1.4
Instruction Set Table 3 (QPI Instructions)
(14) ........................................................................27
8.2
Instruction Descriptions ...................................................................................................... 29
8.2.1
Write Enable (06h) ...............................................................................................................29
8.2.2
Write Enable for Volatile Status Register (50h) ...................................................................29
8.2.3
Write Disable (04h) ..............................................................................................................30
8.2.4
Read Status Register-1 (05h), Status Register-2 (35h) & Status Register-3 (15h)..............30
8.2.5
Write Status Register-1 (01h), Status Register-2 (31h) & Status Register-3 (11h)..............31
8.2.6
Read Data (03h)...................................................................................................................34
8.2.7
Fast Read (0Bh)...................................................................................................................35
8.2.8
Fast Read Dual Output (3Bh)...............................................................................................37
8.2.9
Fast Read Quad Output (6Bh) .............................................................................................38
8.2.10
Fast Read Dual I/O (BBh) ..................................................................................................39
8.2.11
Fast Read Quad I/O (EBh) .................................................................................................41
8.2.12
Word Read Quad I/O (E7h)................................................................................................44
8.2.13
Octal Word Read Quad I/O (E3h) ......................................................................................46
8.2.14
Set Burst with Wrap (77h) ..................................................................................................48
8.2.15
Page Program (02h)...........................................................................................................49
8.2.16
Quad Input Page Program (32h) ........................................................................................51
8.2.17
Sector Erase (20h) .............................................................................................................52
8.2.18
32KB Block Erase (52h).....................................................................................................53
8.2.19
64KB Block Erase (D8h) ....................................................................................................54
8.2.20
Chip Erase (C7h / 60h) ......................................................................................................55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com