Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q32FVZPIP Datasheet(PDF) 22 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 22 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 18Page - Winbond W25Q32FVZPIP Datasheet HTML 19Page - Winbond W25Q32FVZPIP Datasheet HTML 20Page - Winbond W25Q32FVZPIP Datasheet HTML 21Page - Winbond W25Q32FVZPIP Datasheet HTML 22Page - Winbond W25Q32FVZPIP Datasheet HTML 23Page - Winbond W25Q32FVZPIP Datasheet HTML 24Page - Winbond W25Q32FVZPIP Datasheet HTML 25Page - Winbond W25Q32FVZPIP Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
W25Q32FV
- 21 -
7.1.15
W25Q32FV Status Register Memory Protection (WPS = 0, CMP = 0)
STATUS REGISTER
(1)
W25Q32FV (32M-BIT) MEMORY PROTECTION
(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION
(2)
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
63
3F0000h – 3FFFFFh
64KB
Upper 1/64
0
0
0
1
0
62 and 63
3E0000h – 3FFFFFh
128KB
Upper 1/32
0
0
0
1
1
60 thru 63
3C0000h – 3FFFFFh
256KB
Upper 1/16
0
0
1
0
0
56 thru 63
380000h – 3FFFFFh
512KB
Upper 1/8
0
0
1
0
1
48 thru 63
300000h – 3FFFFFh
1MB
Upper 1/4
0
0
1
1
0
32 thru 63
200000h – 3FFFFFh
2MB
Upper 1/2
0
1
0
0
1
0
000000h – 00FFFFh
64KB
Lower 1/64
0
1
0
1
0
0 and 1
000000h – 01FFFFh
128KB
Lower 1/32
0
1
0
1
1
0 thru 3
000000h – 03FFFFh
256KB
Lower 1/16
0
1
1
0
0
0 thru 7
000000h – 07FFFFh
512KB
Lower 1/8
0
1
1
0
1
0 thru 15
000000h – 0FFFFFh
1MB
Lower 1/4
0
1
1
1
0
0 thru 31
000000h – 1FFFFFh
2MB
Lower 1/2
X
X
1
1
1
0 thru 63
000000h – 3FFFFFh
4MB
ALL
1
0
0
0
1
63
3FF000h – 3FFFFFh
4KB
U - 1/1024
1
0
0
1
0
63
3FE000h – 3FFFFFh
8KB
U - 1/512
1
0
0
1
1
63
3FC000h – 3FFFFFh
16KB
U - 1/256
1
0
1
0
X
63
3F8000h – 3FFFFFh
32KB
U - 1/128
1
1
0
0
1
0
000000h – 000FFFh
4KB
L - 1/1024
1
1
0
1
0
0
000000h – 001FFFh
8KB
L - 1/512
1
1
0
1
1
0
000000h – 003FFFh
16KB
L - 1/256
1
1
1
0
X
0
000000h – 007FFFh
32KB
L - 1/128
Notes:
1. X = don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this command
will be ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com