Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC008DFLKA Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 31Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 32Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 33Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
AmC0XXDFLKA
35
PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
SWITCHING AC CHARACTERISTICS
Read Only Operation (Note 1)
Note:
1. Input Rise and Fall Times (10% to 90%):
≤ 10 ns, Input Pulse levels:
VOL and VOH, Timing Measurement Reference Level: Inputs: VIL and VIH
Outputs: VIL and VIH
Parameter Symbol
Parameter Description
Test Conditions
Max
Unit
CIN1
All except A1–A9
VIN = 0 V
2
pF
COUT
Output Capacitance
VOUT = 0 V
2
pF
CIN2
A1–A9
VIN = 0 V
2
pF
CI/O
I/O Capacitance D0–D15
VI/O = 0 V
2
pF
Card Speed
Parameter Symbol
Parameter Description
-150 ns
Unit
JEDEC
Standard
Min
Max
tAVAV
tRC
Read Cycle Time
150
ns
tELQV
tCE
Chip Enable Access Time
150
ns
tAVQV
tACC
Address Access Time
150
ns
tGLQV
tOE
Output Enable Access Time
75
ns
tELQX
tLZ
Chip Enable to Output in Low-Z
5
ns
tEHQZ
tDF
Chip Disable to Output in High-Z
75
ns
tGLQX
tOLZ
Output Enable to Output in Low-Z
5
ns
tGHQZ
tDF
Output Disable to Output in High-Z
75
ns
tAXQX
tOH
Output Hold from First of Address, CE, or OE Change
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com