Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC008DFLKA Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 9Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
AmC0XXDFLKA
PIN DESCRIPTION
A0–A24
Address Inputs
These inputs are internally latched during write cycles.
All address lines should be driven.
BVD1, BVD2
Battery Voltage Detect
Internally pulled-up.
CD1, CD2
Card Detect
When card detect 1 and 2 = ground the system detects
the card.
CE1, CE2
Card Enable
This input is active low. The memory card is deselected
and power consumption is reduced to standby levels
when CE is high. CE activates the internal memory
card circuitry that controls the high and low byte control
logic of the card, input buffers segment decoders, and
associated memory devices.
D0–D15
Data Input/Output
Data inputs are internally latched on write cycles. Data
outputs during read cycles. Data pins are active high.
When the memory card is deselected or the outputs
are disabled the outputs float to tristate.
GND
Ground
NC
No Connect
Corresponding pin is not connected.
OE
Output Enable
This input is active low and enables the data buffers
through the card outputs during read cycles.
RY/BY
This signal is output from the card and indicates the
status of the operation in progress in the card. If this
signal is low, then the card is still busy with the current
operation. Otherwise, the card is ready to accept anew
operation.
REG
Attribute Memory Select
This input is active low and enables reading the CIS
from the EEPROM.
RESET
This input to the Card is used to reset all the Flash de-
vices inside the Card to a read mode state. If you drive
or assert RESET high during a write or erase opera-
tion, then the state of the devices for the purpose of the
operation is undefined. In order to RESET, you need to
hold the RESET pin high for 500 ns, and it takes 20
µs
before the internal circuit is RESET. When RESET is
driven high, the data bus is in a high impedance state.
VCC
PC Card Power Supply
For device operation (5.0 V
± 5%).
WE
Write Enable
This input is active low and controls the write function
of the command register to the memory array. The
target address is latched on the falling edge of the WE
pulse and the appropriate data is latched on the rising
edge of the pulse.
WP
Write Protect
This output is active high and disables all Card write
operations (including writes to the attribute memory).
MEMORY CARD OPERATIONS
The D-Series Flash Memory Card is organized as an
array of individual devices. Each device is 2 Mbytes in
size with thirty-two 64K byte sectors. Although the ad-
dress space is continuous, each physical device de-
fines a logical address segment size.
Erase operations can be performed on two 64KByte
sectors simultaneously. Once a memory sector or
memory segment is erased any address location may
be programmed. Flash technology allows any logical
“1” data bit to be programmed to a logical “0”. The
only way to reset bits to a logical “1” is to erase the
entire memory sector of 64K bytes or memory seg-
ment of 2 Mbytes.
Erase operations are the only operations that work on
entire memory sectors or memory segments. All other
operations such as word-wide programming are not af-
fected by the physical memory segments.
The common memory space data contents are altered
in a similar manner as writing to individual Flash mem-
ory devices. On-card address and data buffers activate
the appropriate Flash device in the memory array.
Each device internally latches address and data during
write cycles. Refer to Table 1.
Attribute memory is a separately accessed card mem-
ory space. The attribute memory space is active when
the REG pin is driven low. The Card Information Struc-
ture (CIS) describes the capabilities and specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com