Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC008DFLKA Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 42Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 43Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 44Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 45Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44
AmC0XXDFLKA
Table 9.
AMD’s CIS for D-Series Cards
Note: See PCMCIA specifications for parsing and card size values.
Tuple
Address
2 Mbyte Card
Tuple Value
Tuples and Remarks
00h
01h
CISTPL_DEVICE [Common Memory]
02h
03h
TPL_LINK
04h
53h
Flash Device, Card Speed: 53h = 150 ns (52h for 200 ns)
06h
0Eh
Card Size: 0Eh = 4 MB, 1Eh = 8 MB, 4Eh = 20 MB, 7Eh = 32 MB (Note 1)
08h
FFh
End of Tuple
0Ah
18h
CISTPL_JEDEC [Common Memory]
0Ch
03h
TPL_LINK
0Eh
01h
AMD MFG ID Code
10h
3Dh
Device ID Code: 3Dh = 16 Mbit Device, Am29F016C
12h
FFh
End of Tuple
14h
1Eh
CISTPL_DEVICEGEO
16h
07h
TPL_LINK no FFh terminator
18h
02h
DGTPL_BUS: Bus Width
1Ah
11h
DGTPL_EBS: 11h = 64K Byte Erase Block size
1Ch
01h
DGTPL_RBS: Read Byte Size
1Eh
01h
DGTPL_WBS: Write Byte Size
20h
01h
DGTPL_PART: Number of partition
22h
01h
FL DEVICE INTERLEAVE: No interleave
24h
FFh
End of Tuple
26h
15h
CISTPL_VERS1
28h
03h
TPL_LINK
2Ah
04h
Major version number 1
2Ch
01h
Minor version for PCMCIA Std. 2.0
2Eh
FFh
End of Tuple
30h
17h
CISTPL_DEVICE_A [Attribute Memory]
32h
04h
TPL_LINK
34h
47h
EEPROM with extended speed
36h
3Ah
Extended speed = 250 ns
38h
00h
Device Size = 1 unit of 512 byte
3Ah
FFh
End of Tuple
3Ch
80h
Vendor-Specific Tuple
3Eh
05h
TPL_LINK
40h
41h
“A”
42h
4Dh
“M”
44h
44h
“D”
46h
00h
END TEXT
48h
FFh
End of Tuple
4Ah
81h
Vendor Specific Tuples: 81h
:
xxh
ASCII Characters
:
xxh
:
6Ah
xxh
ASCII Characters
6Ch
FFh
CISTPL_END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com