Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC008DFLKA Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 42Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 43Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 44Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 45Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
AmC0XXDFLKA
43
CARD INFORMATION STRUCTURE
The D-Series card contains a separate EEPROM
memory for the Card Information Structure (CIS).
This allows all of the Flash memory to be used for the
common memory space. Part of the common memory
space could also be used to sore the CIS.
The EEPROM used in the D-Series card is designed
to operate from a 5 V single power supply. Table 9
shows the CIS information stored in the AMD Flash
memory card.
SYSTEM DESIGN AND INTERFACE
INFORMATION
Power Up and Power Down Protection
AMD’s Flash memory devices are designed to protect
against accidental programming or erasure caused by
spurious system signals that might exist during power
transitions. The AMD PC Card will power-up into a
READ mode when VCC is greater than VLKO of 3.2 V.
Erasing of memory sectors or memory segments can
be accomplished only by writing the proper Erase com-
mand to the card along with the proper Chip Enable,
Output Enable and Write Enable control signals. Hot in-
sertion of PC cards is not permitted by the PCMCIA
standard.
Note: Hot insertion is defined as the socket condition
where the card is inserted or removed with any or
all of the following conditions present: VCC = VCCH,
VPP =VPPH, address and/or data lines are active.
System Power Supply Decoupling
The AMD Flash memory card has a 0.1
µF decoupling
capacitor between the VCC and the GND pins. It is rec-
ommended the system side also have a 4.7
µF capac-
itor between the VCC and the GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com