Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC008DFLKA Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AMC008DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 14Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 15Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 16Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 19Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
AmC0XXDFLKA
Write Operation Status
Table 8.
Write Operation Status
Notes:
1. Performing successive read operations from the erase-suspended sector will cause D2 to toggle.
2. Performing successive read operations from any address will cause D6 to toggle.
3. Reading the byte address being programmed while in the erase-suspend program mode will indicate logic “1” at the D2 bit.
However, successive reads from the erase-suspended sector will cause D2 to toggle.
Status
D7
D6
D5
D3
D2
In Progress
Byte Program in Embedded Program Algorithm
D7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase Suspended Mode
Erase Suspend Read
(Erase Suspended Sector)
1100
Toggle
(Note 1)
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
(Note 2)
01
1
(Note 3)
Exceeded
Time Limits
Byte Program in Embedded Program Algorithm
D7
Toggle
1
0
1
Program/Erase in Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase Suspended Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com