Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 3Page - STMicroelectronics A7986ATR Datasheet HTML 4Page - STMicroelectronics A7986ATR Datasheet HTML 5Page - STMicroelectronics A7986ATR Datasheet HTML 6Page - STMicroelectronics A7986ATR Datasheet HTML 7Page - STMicroelectronics A7986ATR Datasheet HTML 8Page - STMicroelectronics A7986ATR Datasheet HTML 9Page - STMicroelectronics A7986ATR Datasheet HTML 10Page - STMicroelectronics A7986ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID022801 Rev 5
7/42
A7986A
Electrical characteristics
VCH
High level output voltage
VFB < 0.6 V
3
V
VCL
Low level output voltage
VFB > 0.6 V
0.1
IO SOURCE
Source COMP pin
VFB = 0.5 V,
VCOMP = 1 V
19
mA
IO SINK
Sink COMP pin
VFB = 0.7 V,
VCOMP = 0.75 V
30
mA
GV
Open loop voltage gain
(1)
100
dB
Synchronization function
VS_IN,HI
High input voltage
2
3.3
V
VS_IN,LO
Low input voltage
1
tS_IN_PW
Input pulse width
VS_IN,HI = 3 V,
VS_IN,LO = 0 V
100
ns
VS_IN,HI = 2 V,
VS_IN,LO =1 V
300
ISYNCH,LO
Slave sink current
VSYNCH = 2.9 V
0.7
1
mA
VS_OUT,HI
Master output amplitude
ISOURCE = 4.5 mA
2
V
tS_OUT_PW
Output pulse width
SYNCH floating
110
ns
Protection
TSHDN
Thermal shutdown
150
°C
Hysteresis
30
1.
Guaranteed by design.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Values
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com