Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986ATR Datasheet(PDF) 17 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 13Page - STMicroelectronics A7986ATR Datasheet HTML 14Page - STMicroelectronics A7986ATR Datasheet HTML 15Page - STMicroelectronics A7986ATR Datasheet HTML 16Page - STMicroelectronics A7986ATR Datasheet HTML 17Page - STMicroelectronics A7986ATR Datasheet HTML 18Page - STMicroelectronics A7986ATR Datasheet HTML 19Page - STMicroelectronics A7986ATR Datasheet HTML 20Page - STMicroelectronics A7986ATR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
DocID022801 Rev 5
17/42
A7986A
Application information
Equation 13
where FSW is the switching frequency, 1/(TON + TOFF).
For example, for VOUT = 5 V, VIN = 24 V, IO = 3 A and FSW = 250 kHz, the minimum
inductance value to have
ΔIL= 30% of IO is about 18 μH.
The peak current through the inductor is given by:
Equation 14
Therefore, if the inductor value decreases, then the peak current (that must be lower than
the minimum current limit of the device) increases. According to the maximum DC output
current for this product family (3 A), the higher the inductor value, the higher the average
output current that can be delivered, without triggering the overcurrent protection.
In Table 7 below, some inductor part numbers are listed.
6.3
Output capacitor selection
The current in the capacitor has a triangular waveform which generates a voltage ripple
across it. This ripple is due to the capacitive component (charge or discharge of the output
capacitor) and the resistive component (due to the voltage drop across its ESR). So the
output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 15
Table 7. Inductors
Manufacturer
Series
Inductor value (
μH)
Saturation current (A)
Coilcraft
MSS1038
3.8 to 10
3.9 to 6.5
MSS1048
12 to 22
3.84 to 5.34
Wurth
PD Type L
8.2 to 15
3.75 to 6.25
PD Type M
2.2 to 4.7
4 to 6
SUMIDA
CDRH6D226/HP
1.5 to 3.3
3.6 to 5.2
CDR10D48MN
6.6 to 12
4.1 to 5.7
L
MIN
V
OUT
V
F
+
ΔI
MAX
----------------------------
1D
MIN
F
SW
-----------------------
=
I
LPK
,
I
O
ΔI
L
2
--------
+
=
ΔV
OUT
ESR
ΔI
MA X
ΔI
MA X
8C
OUT
f
SW
⋅⋅
-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com