Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986ATR Datasheet(PDF) 36 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 32Page - STMicroelectronics A7986ATR Datasheet HTML 33Page - STMicroelectronics A7986ATR Datasheet HTML 34Page - STMicroelectronics A7986ATR Datasheet HTML 35Page - STMicroelectronics A7986ATR Datasheet HTML 36Page - STMicroelectronics A7986ATR Datasheet HTML 37Page - STMicroelectronics A7986ATR Datasheet HTML 38Page - STMicroelectronics A7986ATR Datasheet HTML 39Page - STMicroelectronics A7986ATR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Application ideas
A7986A
36/42
DocID022801 Rev 5
Equation 42
where VD is the voltage drop across the diodes, VSW and VSWE across the internal and
external power MOSFET.
7.2
Inverting buck-boost
The A7986A can implement the step-up/down converter with a negative output voltage.
Figure 34 shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 43
so the duty cycle is:
Equation 44
As in the positive one, in the inverting buck-boost the current flowing through the power
MOSFET is transferred to the load only during the OFF time. So according to the maximum
DC switch current (3.0 A), the maximum output current can be calculated from Equation 40,
where the duty cycle is given by Equation 44.
Figure 36. Inverting buck-boost regulator
The GND pin of the device is connected to the output voltage so, given the output voltage,
the input voltage range is limited by the maximum voltage the device can withstand across
VCC and GND (38 V). Therefore, if the output is -5 V, the input voltage can range from 4.5 V
to 33 V.
D
V
OUT
2V
D
+
V
IN
V
SW
V
SW E
V
OUT
2V
D
++
--------------------------------------------------------------------------------------------
=
V
OUT
V
IN
D
1D
-------------
=
D
V
OUT
V
OUT
V
IN
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com