Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986ATR Datasheet(PDF) 18 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 14Page - STMicroelectronics A7986ATR Datasheet HTML 15Page - STMicroelectronics A7986ATR Datasheet HTML 16Page - STMicroelectronics A7986ATR Datasheet HTML 17Page - STMicroelectronics A7986ATR Datasheet HTML 18Page - STMicroelectronics A7986ATR Datasheet HTML 19Page - STMicroelectronics A7986ATR Datasheet HTML 20Page - STMicroelectronics A7986ATR Datasheet HTML 21Page - STMicroelectronics A7986ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Application information
A7986A
18/42
DocID022801 Rev 5
Usually the resistive component of the ripple is much higher than the capacitive one, if the
output capacitor adopted is not a multi-layer ceramic capacitor (MLCC) with very low ESR
value.
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. Section 6.4 illustrates how to consider its effect in the system
stability.
For example, with VOUT = 5 V, VIN = 24 V, ΔIL = 0.9 A (resulting by the inductor value), in
order to have a
ΔVOUT = 0.01·VOUT, if the multi-layer ceramic capacitor is adopted, 10 µF
are needed and the ESR effect on the output voltage ripple can be neglected. In the case of
not negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into
account its ESR value. So, in the case of 330 µF with ESR = 730 m
Ω, the resistive
component of the drop dominates and the voltage ripple is 28 mV
.
The output capacitor is also important to sustain the output voltage when a load transient
with high slew rate is required by the load. When the load transient slew rate exceeds the
system bandwidth, the output capacitor provides the current to the load. So, if the high slew
rate load transient is required by the application, the output capacitor and system bandwidth
must be chosen in order to sustain the load transient.
In Table 8 below, some capacitor series are listed.
6.4
Compensation network
The compensation network must assure stability and good dynamic performance. The loop
of the A7986A is based on the voltage mode control. The error amplifier is a voltage
operational amplifier with high bandwidth. So by selecting the compensation network, the
EA is considered as ideal, that is, its bandwidth is much larger than the system one.
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to
the OUT pin (see Figure 10) results:
Equation 16
where VS is the sawtooth amplitude. As seen in Section 5.1, the voltage feed-forward
generates a sawtooth amplitude directly proportional to the input voltage, that is:
Table 8. Output capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
ESR (m
Ω)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
G
PW0
V
IN
V
s
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com