Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986ATR Datasheet(PDF) 16 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 12Page - STMicroelectronics A7986ATR Datasheet HTML 13Page - STMicroelectronics A7986ATR Datasheet HTML 14Page - STMicroelectronics A7986ATR Datasheet HTML 15Page - STMicroelectronics A7986ATR Datasheet HTML 16Page - STMicroelectronics A7986ATR Datasheet HTML 17Page - STMicroelectronics A7986ATR Datasheet HTML 18Page - STMicroelectronics A7986ATR Datasheet HTML 19Page - STMicroelectronics A7986ATR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Application information
A7986A
16/42
DocID022801 Rev 5
Equation 10
neglecting the small ESR of ceramic capacitors.
Considering
η = 1, this function has its maximum in D = 0.5, therefore, given the maximum
peak-to-peak input voltage (VPP_MAX), the minimum input capacitor (CIN_MIN) value is:
Equation 11
Typically, CIN is dimensioned to keep the maximum peak-to-peak voltage in the order of 1%
of VINMAX.
In the below table some multi-layer ceramic capacitors suitable for this device are reported:
A ceramic bypass capacitor, as close to the VCC and GND pins as possible, so that
additional parasitic ESR and ESL are minimized, is recommended in order to prevent
instability on the output voltage due to noise. The value of the bypass capacitor can go from
100 nF to 1 µF.
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value, in order to have the expected current ripple, must be selected.
The rule to fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In continuous current mode (CCM), the inductance value can be calculated by the following
equation:
Equation 12
where TON is the conduction time of the internal high-side switch and TOFF is the conduction
time of the external diode (in CCM, FSW = 1/(TON + TOFF)). The maximum current ripple, at
fixed VOUT, is obtained at maximum TOFF, that is at minimum duty cycle (see Section 6.1 to
calculate minimum duty). So, fixing
ΔIL = 20% to 30% of the maximum output current, the
minimum inductance value can be calculated as:
Table 6. Input MLCC capacitors
Manufacture
Series
Cap value (
μF)
Rated voltage (V)
Taiyo Yuden
UMK325BJ106MM-T
10
50
GMK325BJ106MN-T
10
35
Murata
GRM32ER71H475K
4.7
50
C
IN
I
O
V
PP
F
SW
---------------------------
1
D
η
----


D
D
η
----
1D
()
+
=
C
IN_MIN
I
O
2V
PP_MAX
F
SW
⋅⋅
------------------------------------------------
=
ΔI
L
V
IN
V
OUT
L
------------------------------ T
ON
V
OUT
V
F
+
L
---------------------------- T
OFF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com