Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 115 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 111Page - STMicroelectronics PSD833F2 Datasheet HTML 112Page - STMicroelectronics PSD833F2 Datasheet HTML 113Page - STMicroelectronics PSD833F2 Datasheet HTML 114Page - STMicroelectronics PSD833F2 Datasheet HTML 115Page - STMicroelectronics PSD833F2 Datasheet HTML 116Page - STMicroelectronics PSD833F2 Datasheet HTML 117Page - STMicroelectronics PSD833F2 Datasheet HTML 118Page - STMicroelectronics PSD833F2 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
115/128
Table 69.
ISC timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
Unit
Min Max Min Max Min Max
tISCCF
Clock (TCK, PC1) frequency (except for
PLD)
(1)
12
10
9
MHz
tISCCH
Clock (TCK, PC1) high time (except for
PLD)
(1)
40
45
51
ns
tISCCL
Clock (TCK, PC1) low time (except for
PLD)
(1)
40
45
51
ns
tISCCFP
Clock (TCK, PC1) frequency (PLD only)
(2)
22
2
MHz
tISCCHP
Clock (TCK, PC1) high time (PLD only)
(2)
240
240
240
ns
tISCCLP
Clock (TCK, PC1) low time (PLD only)
(2)
240
240
240
ns
tISCPSU
ISC port setup time
12
13
15
ns
tISCPH
ISC port hold up time
5
5
5
ns
tISCPCO
ISC port clock to output
30
36
40
ns
tISCPZV
ISC port high-Impedance to valid Output
30
36
40
ns
tISCPVZ
ISC port valid Output to high-Impedance
30
36
40
ns
1.
For non-PLD Programming, Erase or in ISC by-pass mode.
2.
For program or erase PLD only.
Table 70.
Power-down timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min Max Min
Max Min Max
tLVDV
ALE access time from Power-down
80
90
150
ns
tCLWH
Maximum delay from APD Enable to
Internal PDN valid signal
Using CLKIN
(PD1)
15 * tCLCL
(1)
µs
1.
tCLCL is the period of CLKIN (PD1).
Table 71.
Power-down timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
Unit
Min Max Min
Max Min Max
tLVDV
ALE access time from Power-down
145
150
200
ns
tCLWH
Maximum Delay from APD Enable to
Internal PDN valid Signal
Using CLKIN
(PD1)
15 * tCLCL
(1)
µs
1.
tCLCL is the period of CLKIN (PD1).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com