Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 119 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 115Page - STMicroelectronics PSD833F2 Datasheet HTML 116Page - STMicroelectronics PSD833F2 Datasheet HTML 117Page - STMicroelectronics PSD833F2 Datasheet HTML 118Page - STMicroelectronics PSD833F2 Datasheet HTML 119Page - STMicroelectronics PSD833F2 Datasheet HTML 120Page - STMicroelectronics PSD833F2 Datasheet HTML 121Page - STMicroelectronics PSD833F2 Datasheet HTML 122Page - STMicroelectronics PSD833F2 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
PSD8XXFX
Package mechanical
Doc ID 7833 Rev 7
119/128
Figure 52.
TQFP64 - 64-lead thin quad flatpack, package outline
1.
Drawing is not to scale.
Table 74.
TQFP64 - 64-lead thin quad flatpack, package mechanical data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.420
1.540
0.0560
0.0610
A1
0.100
0.070
0.140
0.0040
0.0030
0.0050
A2
1.400
1.360
1.440
0.0550
0.0540
0.0570
a
3.5°0.0°7.0°3.5°0.0°7.0°
b
0.350
0.330
0.380
0.0140
0.0130
0.0150
c
0.170
0.006
D
16.000
15.900
16.100
0.6300
0.6260
0.6340
D1
14.000
13.980
14.030
0.5510
0.5500
0.5520
D2
12.000
11.950
12.050
0.4720
0.4700
0.4740
E
16.000
15.900
16.100
0.6300
0.6260
0.6340
E1
14.000
13.980
14.030
0.5510
0.5500
0.5520
E2
12.000
11.950
12.050
0.4720
0.4700
0.4740
e
0.800
0.750
0.850
0.0310
0.0300
0.0330
L
0.600
0.450
0.750
0.0240
0.0180
0.0300
L1
1.000
0.940
1.060
0.0390
0.0370
0.0420
CP
0.100
0.0040
N64
64
Nd
16
16
Ne
16
16
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com