Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 120 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 116Page - STMicroelectronics PSD833F2 Datasheet HTML 117Page - STMicroelectronics PSD833F2 Datasheet HTML 118Page - STMicroelectronics PSD833F2 Datasheet HTML 119Page - STMicroelectronics PSD833F2 Datasheet HTML 120Page - STMicroelectronics PSD833F2 Datasheet HTML 121Page - STMicroelectronics PSD833F2 Datasheet HTML 122Page - STMicroelectronics PSD833F2 Datasheet HTML 123Page - STMicroelectronics PSD833F2 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
Part numbering
PSD8XXFX
120/128
Doc ID 7833 Rev 7
24
Part numbering
For a list of available options (e.g., speed, package) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
Table 75.
Ordering information scheme
Example:
PSD8
1
3
F
2
V
A
– 15
J
1
T
Device Type
PSD8 = 8-bit PSD with register Logic
SRAM Capacity
1 = 16 Kbit
3 = 64 Kbit
5 = 256 Kbit
Flash Memory Capacity
3 = 1 Mbit (128K x 8)
4 = 2 Mbit (256K x 8)
2nd Flash Memory
2 = 256 Kbit Flash memory + SRAM
3 = SRAM but no Flash memory
4 = 256 Kbit Flash memory but no SRAM
5 = no Flash memory + no SRAM
Operating voltage
blank = VCC = 4.5 to 5.5V
V = VCC = 3.0 to 3.6V
Silicon Revision
A = Revision A
Speed
70 = 70ns
90 = 90ns
12 = 120ns
15 = 150ns
20 = 200ns
Package
J = ECOPACK-compliant PLCC52
M = ECOPACK-compliant PQFP52
U =ECOPACK-compliant TQFP64
Temperature Range
blank = 0 to 70°C (commercial)
I = –40 to 85°C (industrial)
Option
T = Tape & Reel Packing
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com