Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 64Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 65Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 66Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 67Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 68Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 69Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 70Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 71Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
68/112
Doc ID 018780 Rev 4
Internal clock sources
Subject to general operating conditions for VDD, and TA.
High speed internal RC oscillator (HSI)
In the following table, data is based on characterization results, not tested in production,
unless otherwise specified.
Table 29.
HSI oscillator characteristics
Symbol
Parameter
Conditions(1)(2)
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
16
MHz
ACCHSI
Accuracy of HSI
oscillator (factory
calibrated)
VDD = 3.0 V, TA = 25 °C
-1 (3)
1(3)
%
VDD = 3.0 V, 0 °C ≤ TA ≤ 55 °C
-1.5
1.5
%
VDD = 3.0 V, -10 °C ≤ TA ≤ 70 °C
-2
2
%
VDD = 3.0 V, -10 °C ≤ TA ≤ 85 °C
-2.5
2
%
VDD = 3.0 V, -10 °C ≤ TA ≤ 125 °C
-4.5
2
%
1.65 V
≤ VDD ≤ 3.6 V,
-40 °C
≤ TA ≤ 125 °C
-4.5
3
%
TRIM
HSI user trimming
step(4)
Trimming code
≠ multiple of 16
0.4
0.7
%
Trimming code = multiple of 16
± 1.5
%
tsu(HSI)
HSI oscillator setup
time (wakeup time)
3.7
6(5)
µs
IDD(HSI)
HSI oscillator power
consumption
100
140(5)
µA
1.
VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
2.
TA > 85 °C is valid only for devices with suffix 3 temperature range.
3.
Tested in production.
4.
The trimming step differs depending on the trimming code. It is usually negative on the codes which are multiples of 16
(0x00, 0x10, 0x20, 0x30...0xE0). Refer to the AN3101 “STM8L15x internal RC oscillator calibration” application note for
more details.
5.
Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com