Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 23Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 24Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 25Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 26Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 27Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 28Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 29Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 30Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
STM8L151x2, STM8L151x3
Pin description
Doc ID 018780 Rev 4
27/112
Table 3.
Legend/abbreviation for table 4
Type
I= input, O = output, S = power supply
Level
Output
HS = high sink/source (20 mA)
FT
Five-volt tolerant
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 4.
Low density STM8L15xxx pin description
Pin number
Pin name
Input
Output
Default alternate
function
2
1
114 NRST/PA1(1)
I/O
X
HS
X Reset
PA1
3
2
225
PA2/OSC_IN/
[USART_TX](2)/
[SPI_MISO] (2)
I/O
X
XX
HS
X
X Port A2
HSE oscillator input /
[USART transmit] / [SPI
master in- slave out] /
4
3
336
PA3/OSC_OUT/[USA
RT_RX](2)/[SPI_MOSI
](2)
I/O
X
XX
HS
X
X Port A3
HSE oscillator output /
[USART receive]/ [SPI
master out/slave in]/
54
4
-
-
PA4/TIM2_BKIN/
[TIM2_ETR](2)
ADC1_IN2
I/O
X
XX
HS
X
X Port A4
Timer 2 - break input /
[Timer 2 - external
trigger] /ADC1 input 2
65
5
-
-
PA5/TIM3_BKIN/
[TIM3_ETR](2)/ADC1_
IN1
I/O
X
XX
HS
X
X Port A5
Timer 3 - break input /
[Timer 3 - external
trigger] /
ADC1input 1
76
-
-
-
PA6/ADC1_TRIG/
ADC1_IN0
I/O
X
XX
HS
X
X Port A6
ADC1- trigger
/ADC1input 0
8-
-
-
- PA7
I/O
X
XX
HS
X
X Port A7
24 13 12
7
10
PB0(3)/TIM2_CH1/
ADC1_IN18
I/O
X
XX
HS
X
X Port B0
Timer 2 - channel 1 /
ADC1_IN18
25 14 13
8
11
PB1/TIM3_CH1/
ADC1_IN17
I/O
X
XX
HS
X
X Port B1
Timer 3 - channel 1 /
ADC1_IN17
26 15 14
9
12
PB2/ TIM2_CH2/
ADC1_IN16
I/O
X
XX
HS
X
X Port B2
Timer 2 - channel 2
ADC1_IN16
27 16 15 10 13
PB3/TIM2_ETR/
ADC1_IN15/RTC_AL
ARM(4)
I/O
X
XX
HS
X
X Port B3
Timer 2 - external
trigger / ADC1_IN15 /
RTC_ALARM (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com