Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 84Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 85Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 86Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 87Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 88Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 89Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 90Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 91Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
88/112
Doc ID 018780 Rev 4
7.3.12
12-bit ADC1 characteristics
In the following table, data is guaranteed by design, not tested in production.
Table 45.
ADC1 characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
1.8
3.6
V
VREF+
Reference supply
voltage
2.4 V
≤ VDDA≤ 3.6 V
2.4
VDDA
V
1.8 V
≤ VDDA≤ 2.4 V
VDDA
V
VREF-
Lower reference voltage
VSSA
V
IVDDA
Current on the VDDA
input pin
1000
1450
µA
IVREF+
Current on the VREF+
input pin
400
700
(peak)(1)
µA
450
(average)(1)
µA
VAIN
Conversion voltage
range
0(2)
VREF+
TA
Temperature range
-40
125
°C
RAIN
External resistance on
VAIN
on PF0 fast channel
50(3)
k
Ω
on all other channels
CADC1
Internal sample and
hold capacitor
on PF0 fast channel
16
pF
on all other channels
fADC1
ADC1 sampling clock
frequency
2.4 V
≤ VDDA≤ 3.6 V
without zooming
0.320
16
MHz
1.8 V
≤ VDDA≤ 2.4 V
with zooming
0.320
8
MHz
fCONV
12-bit conversion rate
VAIN on PF0 fast
channel
1(4)(5)
MHz
VAIN on all other
channels
760(4)(5)
kHz
fTRIG
External trigger
frequency
tconv
1/fADC1
tLAT
External trigger latency
3.5
1/fSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com