Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 82Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 83Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 84Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 85Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 86Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 87Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 88Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 89Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
86/112
Doc ID 018780 Rev 4
7.3.10
Temperature sensor
In the following table, data is based on characterization results, not tested in production,
unless otherwise specified.
7.3.11
Comparator characteristics
In the following table, data is guaranteed by design, not tested in production, unless
otherwise specified.
Table 42.
TS characteristics
Symbol
Parameter
Min
Typ
Max.
Unit
V90
(1)
1.
Tested in production at VDD = 3 V ±10 mV. The 8 LSB of the V90 ADC1 conversion result are stored in the
TS_Factory_CONV_V90 byte.
Sensor reference voltage at 90°C ±5 °C,
0.580
0.597
0.614
V
TL
VSENSOR linearity with temperature
±1
±2
°C
Avg_slope (2)
Average slope
1.59
1.62
1.65
mV/°C
IDD(TEMP)
(2)
Consumption
3.4
6
µA
TSTART
(2)(3)
2.
Data guaranteed by design, not tested in production.
3.
Defined for ADC1 output reaching its final value ±1/2LSB.
Temperature sensor startup time
10
µs
TS_TEMP
(2)
ADC1 sampling time when reading the
temperature sensor
10
µs
Table 43.
Comparator 1 characteristics
Symbol
Parameter
Min
Typ
Max(1)
1.
Based on characterization, not tested in production.
Unit
VDDA
Analog supply voltage
1.65
3.6
V
TA
Temperature range
-40
125
°C
R400K
R400K value
300
400
500
k
Ω
R10K
R10K value
7.5
10
12.5
VIN
Comparator 1 input voltage range
0.6
VDDA
V
VREFINT
Internal reference voltage(2)
2.
Tested in production at VDD = 3 V ±10 mV.
1.202
1.224
1.242
tSTART
Comparator startup time
7
10
µs
td
Propagation delay(3)
3.
The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
310
Voffset
Comparator offset error
±3
±10
mV
ICOMP1
Current consumption(4)
4.
Comparator consumption only. Internal reference voltage not included.
160
260
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com